Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 60 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 60 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 56Page - SMSC Corporation LAN9313 Datasheet HTML 57Page - SMSC Corporation LAN9313 Datasheet HTML 58Page - SMSC Corporation LAN9313 Datasheet HTML 59Page - SMSC Corporation LAN9313 Datasheet HTML 60Page - SMSC Corporation LAN9313 Datasheet HTML 61Page - SMSC Corporation LAN9313 Datasheet HTML 62Page - SMSC Corporation LAN9313 Datasheet HTML 63Page - SMSC Corporation LAN9313 Datasheet HTML 64Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
60
SMSC LAN9313/LAN9313i
DATASHEET
6.2.3
Flow Control Enable Logic
Each switch fabric port (0,1,2) is provided with two flow control enable inputs per port, one for
transmission and one for reception. Flow control on transmission allows the transmitter to generate
back pressure in half-duplex mode, and pause packets in full-duplex. Flow control in reception enables
the reception of pause packets to pause transmissions.
The state of these enables is based on the state of the ports duplex and Auto-negotiation settings and
the values of the corresponding Manual Flow Control register (Port 1 Manual Flow Control Register
(MANUAL_FC_1), Port 2 Manual Flow Control Register (MANUAL_FC_2), or Port 0(External MII)
Manual Flow Control Register (MANUAL_FC_MII)). Table 6.1 details the switch fabric flow control
enable logic.
When in half-duplex mode, the transmit flow control (back pressure) enable is determined directly by
the BP_EN_x bit of the ports manual flow control register. When Auto-negotiation is disabled, or the
MANUAL_FC_x bit of the ports manual flow control register is set, the switch port flow control enables
during full-duplex are determined by the TX_FC_x and RX_FC_x bits of the ports manual flow control
Figure 6.2 Switch Fabric CSR Read Access Flow Diagram
Idle
Write
Command
Register
Read
Command
Register
Read Data
Register
CSR_BUSY = 0
CSR Read
CSR_BUSY = 1
Idle
Write
Command
Register
Read
Command
Register
CSR_BUSY = 0
CSR Read Auto
Increment /
Decrement
CSR_BUSY = 1
Write
Command
Register
Read Data
Register
last
data?
Yes
No
Read Data
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com