Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 52 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 48Page - SMSC Corporation LAN9313 Datasheet HTML 49Page - SMSC Corporation LAN9313 Datasheet HTML 50Page - SMSC Corporation LAN9313 Datasheet HTML 51Page - SMSC Corporation LAN9313 Datasheet HTML 52Page - SMSC Corporation LAN9313 Datasheet HTML 53Page - SMSC Corporation LAN9313 Datasheet HTML 54Page - SMSC Corporation LAN9313 Datasheet HTML 55Page - SMSC Corporation LAN9313 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
52
SMSC LAN9313/LAN9313i
DATASHEET
Chapter 5 System Interrupts
5.1
Functional Overview
This chapter describes the system interrupt structure of the LAN9313/LAN9313i. The
LAN9313/LAN9313i provides a multi-tier programmable interrupt structure which is controlled by the
System Interrupt Controller. The programmable system interrupts are generated internally by the
various LAN9313/LAN9313i sub-modules and can be configured to generate a single external host
interrupt via the IRQ interrupt output pin. The programmable nature of the host interrupt provides the
user with the ability to optimize performance dependent upon the application requirements. The IRQ
interrupt buffer type, polarity, and de-assertion interval are modifiable. The IRQ interrupt can be
configured as an open-drain output to facilitate the sharing of interrupts with other devices. All internal
interrupts are maskable and capable of triggering the IRQ interrupt.
5.2
Interrupt Sources
The LAN9313/LAN9313i is capable of generating the following interrupt types:
1588 Time Stamp Interrupts (Port 2,1,0 and GPIO 9,8)
Switch Fabric Interrupts (Buffer Manager, Switch Engine, and Port 2,1,0 MACs)
Ethernet PHY Interrupts (Port 1,2 PHYs)
GPIO Interrupts (GPIO[11:0])
General Purpose Timer Interrupt (GPT)
Software Interrupt (General Purpose)
Device Ready Interrupt
All interrupts are accessed and configured via registers arranged into a multi-tier, branch-like structure,
as shown in Figure 5.1. At the top level of the LAN9313/LAN9313i interrupt structure are the Interrupt
Status Register (INT_STS), Interrupt Enable Register (INT_EN), and Interrupt Configuration Register
(IRQ_CFG).
The Interrupt Status Register (INT_STS) and Interrupt Enable Register (INT_EN) aggregate and
enable/disable all interrupts from the various LAN9313/LAN9313i sub-modules, combining them
together to create the IRQ interrupt. These registers provide direct interrupt access/configuration to the
General Purpose Timer, software, and device ready interrupts. These interrupts can be monitored,
enabled/disabled, and cleared, directly within these two registers. In addition, interrupt event
indications are provided for the 1588 Time Stamp, Switch Fabric, Port 1 & 2 Ethernet PHYs, and GPIO
interrupts. These interrupts differ in that the interrupt sources are generated and cleared in other sub-
block registers. The INT_STS register does not provide details on what specific event within the sub-
module caused the interrupt, and requires the software to poll an additional sub-module interrupt
register (as shown in Figure 5.1) to determine the exact interrupt source and clear it. For interrupts
which involve multiple registers, only after the interrupt has been serviced and cleared at its source
will it be cleared in the INT_STS register.
The Interrupt Configuration Register (IRQ_CFG) is responsible for enabling/disabling the IRQ interrupt
output pin as well as configuring its properties. The IRQ_CFG register allows the modification of the
IRQ pin buffer type, polarity, and de-assertion interval. The de-assertion timer guarantees a minimum
interrupt de-assertion period for the IRQ output and is programmable via the INT_DEAS field of the
Interrupt Configuration Register (IRQ_CFG). A setting of all zeros disables the de-assertion timer. The
de-assertion interval starts when the IRQ pin de-asserts, regardless of the reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com