Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 54 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 50Page - SMSC Corporation LAN9313 Datasheet HTML 51Page - SMSC Corporation LAN9313 Datasheet HTML 52Page - SMSC Corporation LAN9313 Datasheet HTML 53Page - SMSC Corporation LAN9313 Datasheet HTML 54Page - SMSC Corporation LAN9313 Datasheet HTML 55Page - SMSC Corporation LAN9313 Datasheet HTML 56Page - SMSC Corporation LAN9313 Datasheet HTML 57Page - SMSC Corporation LAN9313 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
54
SMSC LAN9313/LAN9313i
DATASHEET
The following sections detail each category of interrupts and their related registers. Refer to
Chapter 13, "Register Descriptions," on page 146 for bit-level definitions of all interrupt registers.
5.2.1
1588 Time Stamp Interrupts
Multiple 1588 Time Stamp interrupt sources are provided by the LAN9313/LAN9313i. The top-level
1588_EVNT (bit 29) of the Interrupt Status Register (INT_STS) provides indication that a 1588 interrupt
event occurred in the 1588 Interrupt Status and Enable Register (1588_INT_STS_EN).
The 1588 Interrupt Status and Enable Register (1588_INT_STS_EN) provides enabling/disabling and
status of all 1588 interrupt conditions. These include TX/RX 1588 clock capture indication on Ports
2,1,0, 1588 clock capture for GPIO[8:9] events, as well as 1588 timer interrupt indication.
In order for a 1588 interrupt event to trigger the external IRQ interrupt pin, the desired 1588 interrupt
event must be enabled in the 1588 Interrupt Status and Enable Register (1588_INT_STS_EN), bit 29
(1588_EVNT_EN) of the Interrupt Enable Register (INT_EN) must be set, and IRQ output must be
enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the 1588 Time Stamp interrupts, refer to Section 10.6, "IEEE 1588 Interrupts,"
on page 140.
5.2.2
Switch Fabric Interrupts
Multiple Switch Fabric interrupt sources are provided by the LAN9313/LAN9313i in a three-tiered
register structure as shown in Figure 5.1. The top-level SWITCH_INT (bit 28) of the Interrupt Status
Register (INT_STS) provides indication that a Switch Fabric interrupt event occurred in the Switch
Engine Interrupt Pending Register (SWE_IPR).
In turn, the Switch Engine Interrupt Pending Register (SWE_IPR) and Switch Engine Interrupt Mask
Register (SWE_IMR) provide status and enabling/disabling of all Switch Fabric sub-modules interrupts
(Buffer Manager, Switch Engine, and Port 2,1,0 MACs).
The low-level Switch Fabric sub-module interrupt pending and mask registers of the Buffer Manager,
Switch Engine, and Port 2,1,0 MACs provide multiple interrupt sources from their respective sub-
modules. These low-level registers provide the following interrupt sources:
Buffer Manager (Buffer Manager Interrupt Mask Register (BM_IMR) and Buffer Manager Interrupt
Pending Register (BM_IPR))
—Status B Pending
—Status A Pending
Switch Engine (Switch Engine Interrupt Mask Register (SWE_IMR) and Switch Engine Interrupt
Pending Register (SWE_IPR))
—Interrupt Pending
Port 2,1,0 MACs (Port x MAC Interrupt Mask Register (MAC_IMR_x) and Port x MAC Interrupt
Pending Register (MAC_IPR_x))
—No currently supported interrupt sources. These registers are reserved for future use.
In order for a Switch Fabric interrupt event to trigger the external IRQ interrupt pin, the following must
be configured:
The desired Switch Fabric sub-module interrupt event must be enabled in the corresponding mask
register (Buffer Manager Interrupt Mask Register (BM_IMR) for the Buffer Manager, Switch Engine
Interrupt Mask Register (SWE_IMR) for the Switch Engine, and/or Port x MAC Interrupt Mask
Register (MAC_IMR_x) for the Port 2,1,0 MACs)
The desired Switch Fabric sub-module interrupt event must be enabled in the Switch Engine
Interrupt Mask Register (SWE_IMR)
Bit 28 (SWITCH_INT_EN) of the Interrupt Enable Register (INT_EN) must be set
IRQ output must be enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register (IRQ_CFG)
For additional details on the Switch Fabric interrupts, refer to Section 6.6, "Switch Fabric Interrupts,"
on page 83.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com