Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 179 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 179 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 175Page - SMSC Corporation LAN9313 Datasheet HTML 176Page - SMSC Corporation LAN9313 Datasheet HTML 177Page - SMSC Corporation LAN9313 Datasheet HTML 178Page - SMSC Corporation LAN9313 Datasheet HTML 179Page - SMSC Corporation LAN9313 Datasheet HTML 180Page - SMSC Corporation LAN9313 Datasheet HTML 181Page - SMSC Corporation LAN9313 Datasheet HTML 182Page - SMSC Corporation LAN9313 Datasheet HTML 183Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
179
Revision 1.2 (04-08-08)
DATASHEET
13.1.4.16
1588 Clock Target High-DWORD Register (1588_CLOCK_TARGET_HI)
Th is rea d /w rite regi ster comb in ed wi th 15 88 Cl oc k Ta rge t Lo w-D W OR D R e g i st e r
(1588_CLOCK_TARGET_LO) form the 64-bit 1588 Clock Target value. The 1588 Clock Target value
is compared to the current 1588 Clock value and can be used to trigger an interrupt upon at match.
Refer to Chapter 10, "IEEE 1588 Hardware Time Stamp Unit," on page 134 for additional information.
Note:
Both
this
register
and
the
1588
Clock
Target
Low-DWORD
Register
(1588_CLOCK_TARGET_LO) must be written for either to be affected.
Offset:
17Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Clock Target High (CLOCK_TARGET_HI)
This field contains the high 32-bits of the 64-bit 1588 Clock Compare value.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com