Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 246 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 246 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 242Page - SMSC Corporation LAN9313 Datasheet HTML 243Page - SMSC Corporation LAN9313 Datasheet HTML 244Page - SMSC Corporation LAN9313 Datasheet HTML 245Page - SMSC Corporation LAN9313 Datasheet HTML 246Page - SMSC Corporation LAN9313 Datasheet HTML 247Page - SMSC Corporation LAN9313 Datasheet HTML 248Page - SMSC Corporation LAN9313 Datasheet HTML 249Page - SMSC Corporation LAN9313 Datasheet HTML 250Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
246
SMSC LAN9313/LAN9313i
DATASHEET
13.2.2.9
Port x PHY Special Modes Register (PHY_SPECIAL_MODES_x)
This read/write register is used to control the special modes of the Port x PHY.
Note:
This register is re-written by the EEPROM Loader following the release of reset or a RELOAD
command. Refer to Section 8.2.4, "EEPROM Loader," on page 113 for more information.
Note 13.60
Register bits designated as NASR are reset when the Port x PHY Reset is generated via
the Reset Control Register (RESET_CTL). The NASR designation is only applicable when
the Re s e t ( P H Y _ R ST ) bit of t he Port x PHY Bas i c Contr o l Register
(PHY_BASIC_CONTROL_x) is set.
Note 13.61
The default value of this field is determined by a combination of the configuration straps
autoneg_strap_x, speed_strap_x, and duplex_strap_x. If the autoneg_strap_x is 1, then
the default MODE[2:0] value is 111b. Else, the default value of this field is determined by
the remaining straps. MODE[2]=0, MODE[1]=(speed_strap_1 for Port 1 PHY,
speed_strap_2 for Port 2 PHY), and MODE[0]=(duplex_strap_1 for Port 1 PHY,
duplex_strap_2 for Port 2 PHY). Configuration strap values are latched upon the de-
assertion of a chip-level reset as described in Section 4.2.4, "Configuration Straps," on
page 45. Refer to Section 4.2.4, "Configuration Straps," on page 45 for configuration strap
definitions.
Note 13.62
The default value of this field is determined by the phy_addr_sel_strap configuration strap.
Refer to Section 7.1.1, "PHY Addressing," on page 84 for additional information.
Index (decimal):
18
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:8
RESERVED
RO
-
7:5
PHY Mode (MODE[2:0])
This field controls the PHY mode of operation. Refer to Table 13.10 for a
definition of each mode.
R/W
NASR
Note 13.60
Note 13.61
4:0
PHY Address (PHYADD)
The PHY Address field determines the MMI address to which the PHY will
respond and is also used for initialization of the cipher (scrambler) key. Each
PHY must have a unique address. Refer to Section 7.1.1, "PHY
Addressing," on page 84 for additional information.
Note:
No check is performed to ensure that this address is unique from
the other PHY addresses (Port 1 PHY, Port 2 PHY, and Virtual
PHY).
R/W
NASR
Note 13.60
Note 13.62
Table 13.10 MODE[2:0] Definitions
MODE[2:0]
MODE DEFINITIONS
AFFECTED REGISTER BIT VALUES
PHY_BASIC_CONTROL_x
PHY_AN_ADV_x
[13,12,10,8]
[8,7,6,5]
000
10BASE-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10BASE-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100BASE-TX Half Duplex. Auto-negotiation
disabled. CRS is active during Transmit & Receive.
1000
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com