Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 268 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 268 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 264Page - SMSC Corporation LAN9313 Datasheet HTML 265Page - SMSC Corporation LAN9313 Datasheet HTML 266Page - SMSC Corporation LAN9313 Datasheet HTML 267Page - SMSC Corporation LAN9313 Datasheet HTML 268Page - SMSC Corporation LAN9313 Datasheet HTML 269Page - SMSC Corporation LAN9313 Datasheet HTML 270Page - SMSC Corporation LAN9313 Datasheet HTML 271Page - SMSC Corporation LAN9313 Datasheet HTML 272Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
268
SMSC LAN9313/LAN9313i
DATASHEET
13.3.2
Switch Port 0, Port 1, and Port 2 CSRs
This section details the switch Port 0(External MII), Port 1, and Port 2 CSRs. Each port provides a
functionally identical set of registers which allow for the configuration of port settings, interrupts, and
the monitoring of the various packet counters.
Because the Port 0, Port 1, and Port 2 CSRs are functionally identical, their register descriptions have
been consolidated. A lowercase “x” has been appended to the end of each switch port register name
in this section, where “x” should be replaced with “MII”, “1”, or “2” for the Port 0, Port 1, or Port 2
registers respectively. A list of the Switch Port 0, Port 1, and Port 2 registers and their corresponding
register numbers is included in Table 13.12.
13.3.2.1
Port x MAC Version ID Register (MAC_VER_ID_x)
This read-only register contains switch device ID information, including the device type, chip version
and revision codes.
Register #:
Port0: 0400h
Size:
32 bits
Port1: 0800h
Port2: 0C00h
BITS
DESCRIPTION
TYPE
DEFAULT
31:12
RESERVED
RO
-
11:8
Device Type Code (DEVICE_TYPE)
RO
5h
7:4
Chip Version Code (CHIP_VERSION)
RO
8h
3:0
Revision Code (REVISION)
RO
3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com