Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 276 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 276 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 272Page - SMSC Corporation LAN9313 Datasheet HTML 273Page - SMSC Corporation LAN9313 Datasheet HTML 274Page - SMSC Corporation LAN9313 Datasheet HTML 275Page - SMSC Corporation LAN9313 Datasheet HTML 276Page - SMSC Corporation LAN9313 Datasheet HTML 277Page - SMSC Corporation LAN9313 Datasheet HTML 278Page - SMSC Corporation LAN9313 Datasheet HTML 279Page - SMSC Corporation LAN9313 Datasheet HTML 280Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
276
SMSC LAN9313/LAN9313i
DATASHEET
13.3.2.9
Port x MAC Receive 1024 to Max Byte Count Register (MAC_RX_1024_TO_MAX_CNT_x)
This register provides a counter of received packets between the size of 1024 to the maximum
allowable number bytes. The counter is cleared upon being read.
Note:
A bad packet is defined as a packet that has an FCS or Symbol error. For this counter, a packet
with the maximum number of bytes that is not an integral number of bytes (e.g. a 1518 1/2
byte packet) is counted.
Register #:
Port0: 0416h
Size:
32 bits
Port1: 0816h
Port2: 0C16h
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
RX 1024 to Max Bytes
Count of packets (including bad packets) that have between 1024 and the
maximum allowable number of bytes. The max number of bytes is 1518 for
untagged packets and 1522 for tagged packets. If Jumbo2K (bit 3) is set in
the Port x MAC Receive Configuration Register (MAC_RX_CFG_x), the max
number of bytes is 2048.
Note:
This counter will stop at its maximum value of FFFF_FFFFh.
Minimum rollover time at 100Mbps is approximately 5979 hours.
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com