Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 292 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 292 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 288Page - SMSC Corporation LAN9313 Datasheet HTML 289Page - SMSC Corporation LAN9313 Datasheet HTML 290Page - SMSC Corporation LAN9313 Datasheet HTML 291Page - SMSC Corporation LAN9313 Datasheet HTML 292Page - SMSC Corporation LAN9313 Datasheet HTML 293Page - SMSC Corporation LAN9313 Datasheet HTML 294Page - SMSC Corporation LAN9313 Datasheet HTML 295Page - SMSC Corporation LAN9313 Datasheet HTML 296Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
292
SMSC LAN9313/LAN9313i
DATASHEET
13.3.2.25
Port x MAC Transmit Deferred Count Register (MAC_TX_DEFER_CNT_x)
This register provides a counter deferred packets. The counter is cleared upon being read.
Register #:
Port0: 0451h
Size:
32 bits
Port1: 0851h
Port2: 0C51h
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
TX Deferred
Count of packets that were available for transmission but were deferred on
the first transmit attempt due to network traffic (either on receive or prior
transmission). This counter is not incremented on collisions. This counter is
incremented only in half-duplex operation.
Note:
This counter will stop at its maximum value of FFFF_FFFFh.
Minimum rollover time at 100Mbps is approximately 481 hours.
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com