Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 340 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 340 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 336Page - SMSC Corporation LAN9313 Datasheet HTML 337Page - SMSC Corporation LAN9313 Datasheet HTML 338Page - SMSC Corporation LAN9313 Datasheet HTML 339Page - SMSC Corporation LAN9313 Datasheet HTML 340Page - SMSC Corporation LAN9313 Datasheet HTML 341Page - SMSC Corporation LAN9313 Datasheet HTML 342Page - SMSC Corporation LAN9313 Datasheet HTML 343Page - SMSC Corporation LAN9313 Datasheet HTML 344Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
340
SMSC LAN9313/LAN9313i
DATASHEET
13.3.3.26
Switch Engine Ingress Rate Command Register (SWE_INGRSS_RATE_CMD)
This register is used to indirectly read and write the ingress rate metering/color table registers. A write
to this address performs the specified access.
For a read access, the Operation Pending bit in the Switch Engine Ingress Rate Command Status
Register (SWE_INGRSS_RATE_CMD_STS) indicates when the command is finished. The Switch
Engine Ingress Rate Read Data Register (SWE_INGRSS_RATE_RD_DATA) can then be read.
For
a
write
access,
the
Switch
Engine
Ingress
Rate
W r it e
Dat a
Register
(SWE_INGRSS_RATE_WR_DATA) should be written first. The Operation Pending bit in the Switch
Engine Ingress Rate Command Status Register (SWE_INGRSS_RATE_CMD_STS) indicates when the
command is finished.
For details on 16-bit wide Ingress Rate Table registers indirectly accessible by this register, see
Section 13.3.3.26.1 below.
Register #:
184Bh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:8
RESERVED
RO
-
7
Ingress Rate RnW
These bits specify a read(1) or write(0) command.
R/W
0b
6:5
Type
These bits select between the ingress rate metering/color table registers as
follows:
00 = RESERVED
01 = Committed Information Rate Registers (uses CIS Address field)
10 = Committed Burst Register
11 = Excess Burst Register
R/W
00b
4:0
CIR Address
These bits select one of the 24 Committed Information Rate registers.
When Rate Mode is set to Source Port & Priority in the Switch Engine
Ingress Rate Configuration Register (SWE_INGRSS_RATE_CFG), the first
set of 8 registers (CIR addresses 0-7) are for to Port 0, the second set of 8
registers (CIR addresses 8-15) are for Port 1, and the third set of registers
(CIR addresses 16-23) are for Port 2. Priority 0 is the lower register of each
set (e.g. 0, 8, and 16).
When Rate Mode is set to Source Port Only, the first register (CIR address
0) is for Port 0, the second register (CIR address 1) is for Port 1, and the
third register (CIR address 2) is for Port 2.
When Rate Mode is set to Priority Only, the first register (CIR address 0) is
for priority 0, the second register (CIR address 1) is for priority 1, and so
forth up to priority 23.
Note:
Values outside of the valid range may cause unexpected results.
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com