Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 354 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 354 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 350Page - SMSC Corporation LAN9313 Datasheet HTML 351Page - SMSC Corporation LAN9313 Datasheet HTML 352Page - SMSC Corporation LAN9313 Datasheet HTML 353Page - SMSC Corporation LAN9313 Datasheet HTML 354Page - SMSC Corporation LAN9313 Datasheet HTML 355Page - SMSC Corporation LAN9313 Datasheet HTML 356Page - SMSC Corporation LAN9313 Datasheet HTML 357Page - SMSC Corporation LAN9313 Datasheet HTML 358Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
354
SMSC LAN9313/LAN9313i
DATASHEET
13.3.3.39
Switch Engine Interrupt Mask Register (SWE_IMR)
This register contains the Switch Engine interrupt mask, which masks the interrupts in the Switch
Engine Interrupt Pending Register (SWE_IPR). All Switch Engine interrupts are masked by setting the
Interrupt Mask bit. Clearing this bit will unmask the interrupts. Refer to Chapter 5, "System Interrupts,"
on page 52 for more information.
Register #:
1880h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:1
RESERVED
RO
-
0
Interrupt Mask
When set, this bit masks interrupts from the Switch Engine. The status bits
in the Switch Engine Interrupt Pending Register (SWE_IPR) are not
affected.
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com