Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 363 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 363 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 359Page - SMSC Corporation LAN9313 Datasheet HTML 360Page - SMSC Corporation LAN9313 Datasheet HTML 361Page - SMSC Corporation LAN9313 Datasheet HTML 362Page - SMSC Corporation LAN9313 Datasheet HTML 363Page - SMSC Corporation LAN9313 Datasheet HTML 364Page - SMSC Corporation LAN9313 Datasheet HTML 365Page - SMSC Corporation LAN9313 Datasheet HTML 366Page - SMSC Corporation LAN9313 Datasheet HTML 367Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
363
Revision 1.2 (04-08-08)
DATASHEET
13.3.4.7
Buffer Manager Port 1 Drop Count Register (BM_DRP_CNT_SRC_1)
This register counts the number of packets dropped by the Buffer Manager that were received on Port
1. This count includes packets dropped due to buffer space limits and ingress rate limit discarding (Red
and random Yellow dropping).
Register #:
1C06h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Dropped Count
These bits count the number of dropped packets received on Port 1 and is
cleared when read.
Note:
The counter will stop at its maximum value of FFFF_FFFFh.
Minimum rollover time at 100Mbps is approximately 481 hours.
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com