Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 331 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 331 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 327Page - Infineon Technologies AG C167CS Datasheet HTML 328Page - Infineon Technologies AG C167CS Datasheet HTML 329Page - Infineon Technologies AG C167CS Datasheet HTML 330Page - Infineon Technologies AG C167CS Datasheet HTML 331Page - Infineon Technologies AG C167CS Datasheet HTML 332Page - Infineon Technologies AG C167CS Datasheet HTML 333Page - Infineon Technologies AG C167CS Datasheet HTML 334Page - Infineon Technologies AG C167CS Datasheet HTML 335Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-13
V2.0, 2000-07
16.4
Capture Mode
In response to an external event the content of the associated timer (T0/T1 or T7/T8,
depending on the used CAPCOM unit and the state of the allocation control bit ACCx) is
latched into the respective capture register CCx. The external event causing a capture
can be programmed to be either a positive, a negative, or both a positive or a negative
transition at the respective external input pin CCxIO.
The triggering transition is selected by the mode bits CCMODx in the respective
CAPCOM mode control register. In any case, the event causing a capture will also set
the respective interrupt request flag CCxIR, which can cause an interrupt or a PEC
service request, when enabled.
Figure 16-5
Capture Mode Block Diagram
In order to use the respective port pin as external capture input pin CCxIO for capture
register CCx, this port pin must be configured as input, i.e. the corresponding direction
control bit must be set to ‘0’. To ensure that a signal transition is properly recognized, an
external capture input signal should be held for at least 8 CPU clock cycles before it
changes its level.
During these 8 CPU clock cycles the capture input signals are scanned sequentially.
When a timer is modified or incremented during this process, the new timer contents will
already be captured for the remaining capture registers within the current scanning
sequence.
Note: When the timer modification can generate an overflow the capture interrupt
routine should check if the timer overflow was serviced during these 8 CPU clock
cycles.
If pin CCxIO is configured as output, the capture function may be triggered by modifying
the corresponding port output latch via software, e.g. for testing purposes.
Edge
Select
MCB02015
Capture Reg. CCx
CAPCOM Timer Ty
Interrupt
Request
CCxIO
Input
Clock
CCMODx
Interrupt
Request
x = 31...0
y = 0, 1, 7, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com