| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 337 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 337 Page - Infineon Technologies AG |
|
337 / 517 page ![]() C167CS Derivatives The Capture/Compare Units User’s Manual 16-19 V2.0, 2000-07 Double-Register Compare Mode In double-register compare mode two compare registers work together to control one output pin. This mode is selected by a special combination of modes for these two registers. For double-register mode the 16 capture/compare registers of each CAPCOM unit are regarded as two banks of 8 registers each. Registers CC0 … CC7 and CC16 … CC23 form bank 1 while registers CC8 … CC15 and CC24 … CC31 form bank 2 (respectively). For double-register mode a bank 1 register and a bank 2 register form a register pair. Both registers of this register pair operate on the pin associated with the bank 1 register (pins CC0IO … CC7IO and CC16IO … CC23IO). The relationship between the bank 1 and bank 2 register of a pair and the effected output pins for double-register compare mode is listed in Table 16-6. The double-register compare mode can be programmed individually for each register pair. In order to enable double-register mode the respective bank 1 register (see Table 16-6) must be programmed to compare mode 1 and the corresponding bank 2 register (see Table 16-6) must be programmed to compare mode 0. If the respective bank 1 compare register is disabled or programmed for a mode other than mode 1 the corresponding bank 2 register will operate in compare mode 0 (interrupt-only mode). In the following, a bank 2 register (programmed to compare mode 0) will be referred to as CCz while the corresponding bank 1 register (programmed to compare mode 1) will be referred to as CCx. Table 16-6 Register Pairs for Double-Register Compare Mode CAPCOM1 Unit CAPCOM2 Unit Register Pair Associated Output Pin Register Pair Associated Output Pin Bank 1 Bank 2 Bank 1 Bank 2 CC0 CC8 CC0IO CC16 CC24 CC16IO CC1 CC9 CC1IO CC17 CC25 CC17IO CC2 CC10 CC2IO CC18 CC26 CC18IO CC3 CC11 CC3IO CC19 CC27 CC19IO CC4 CC12 CC4IO CC20 CC28 CC20IO CC5 CC13 CC5IO CC21 CC29 CC21IO CC6 CC14 CC6IO CC22 CC30 CC22IO CC7 CC15 CC7IO CC23 CC31 CC23IO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |