Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 340 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 340 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 336Page - Infineon Technologies AG C167CS Datasheet HTML 337Page - Infineon Technologies AG C167CS Datasheet HTML 338Page - Infineon Technologies AG C167CS Datasheet HTML 339Page - Infineon Technologies AG C167CS Datasheet HTML 340Page - Infineon Technologies AG C167CS Datasheet HTML 341Page - Infineon Technologies AG C167CS Datasheet HTML 342Page - Infineon Technologies AG C167CS Datasheet HTML 343Page - Infineon Technologies AG C167CS Datasheet HTML 344Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-22
V2.0, 2000-07
16.6
Capture/Compare Interrupts
Upon a capture or compare event, the interrupt request flag CCxIR for the respective
capture/compare register CCx is set to ‘1’. This flag can be used to generate an interrupt
or trigger a PEC service request when enabled by the interrupt enable bit CCxIE.
Capture interrupts can be regarded as external interrupt requests with the additional
feature of recording the time at which the triggering event occurred (see also
Section 5.8).
Each of the 32 capture/compare registers has its own bitaddressable interrupt control
register (CC0IC … CC31IC) and its own interrupt vector (CC0INT … CC31INT). These
registers are organized the same way as all other interrupt control registers. The basic
register layout is shown below, Table 16-7 lists the associated addresses.
Note: Please refer to the general Interrupt Control Register description for an
explanation of the control fields.
CCxIC
CAPCOM Intr. Ctrl. Reg.
(E)SFR (See Table 16-7)
Reset Value: - - 00H
15
14
13
12
11
10
9876
543210
CCx
IR
CCx
IE
ILVL
GLVL
-
-
-
-
-
-
-
-
rwh
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com