Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 343 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 343 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 339Page - Infineon Technologies AG C167CS Datasheet HTML 340Page - Infineon Technologies AG C167CS Datasheet HTML 341Page - Infineon Technologies AG C167CS Datasheet HTML 342Page - Infineon Technologies AG C167CS Datasheet HTML 343Page - Infineon Technologies AG C167CS Datasheet HTML 344Page - Infineon Technologies AG C167CS Datasheet HTML 345Page - Infineon Technologies AG C167CS Datasheet HTML 346Page - Infineon Technologies AG C167CS Datasheet HTML 347Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-2
V2.0, 2000-07
Figure 17-2
PWM Channel Block Diagram
17.1
Operating Modes
The PWM module provides four different operating modes:
• Standard PWM generation (edge aligned PWM) available on all four channels
• Symmetrical PWM generation (center aligned PWM) available on all four channels
• Burst mode combines channels 0 and 1
• Single shot mode available on channels 2 and 3
Note: The output signals of the PWM module are XORed with the outputs of the
respective port output latches. After reset these latches are cleared, so the PWM
signals are directly driven to the port pins. By setting the respective port output
latch to ‘1’ the PWM signal may be inverted (XORed with ‘1’) before being driven
to the port pin. The descriptions below refer to the standard case after reset, i.e.
direct driving.
Write
Control
Output
Control
Up/Down/
Clear
Control
Write
Control
Match
Match
POUTx
Input
Control
User Read-
& Writeable
PPx Period Register
Shadow Register
Comparator
PTx
16-Bit Up/Down
Counter
Comparator
Shadow Register
PWx Pulse Width Reg.
f
CPU
Run
Enable
MCB01948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com