Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 346 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 346 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 342Page - Infineon Technologies AG C167CS Datasheet HTML 343Page - Infineon Technologies AG C167CS Datasheet HTML 344Page - Infineon Technologies AG C167CS Datasheet HTML 345Page - Infineon Technologies AG C167CS Datasheet HTML 346Page - Infineon Technologies AG C167CS Datasheet HTML 347Page - Infineon Technologies AG C167CS Datasheet HTML 348Page - Infineon Technologies AG C167CS Datasheet HTML 349Page - Infineon Technologies AG C167CS Datasheet HTML 350Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-5
V2.0, 2000-07
Mode 1: Symmetrical PWM Generation (Center Aligned PWM)
Mode 1 is selected by setting the respective bit PMx in register PWMCON1 to ‘1’. In this
mode the timer PTx of the respective PWM channel is counting up until it reaches the
value in the associated period shadow register. Upon the next count pulse the count
direction is reversed and the timer starts counting down now with subsequent count
pulses until it reaches the value 0000H. Upon the next count pulse the count direction is
reversed again and the count cycle is repeated with the following count pulses.
The PWM output signal is switched to a high level when the timer contents are equal to
or greater than the contents of the pulse width shadow register while the timer is counting
up. The signal is switched back to a low level when the respective timer has counted
down to a value below the contents of the pulse width shadow register. So in mode 1 this
PWM value controls both edges of the output signal.
Note that in mode 1 the period of the PWM signal is twice the period of the timer:
PWM_PeriodMode1 = 2 × ([PPx] + 1)
Figure 17-4 illustrates the operation and output waveforms of a PWM channel in mode 1
for different values in the pulse width register. This mode is referred to as Center Aligned
PWM, because the value in the pulse width (shadow) register effects both edges of the
output signal symmetrically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com