Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 349 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 349 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 345Page - Infineon Technologies AG C167CS Datasheet HTML 346Page - Infineon Technologies AG C167CS Datasheet HTML 347Page - Infineon Technologies AG C167CS Datasheet HTML 348Page - Infineon Technologies AG C167CS Datasheet HTML 349Page - Infineon Technologies AG C167CS Datasheet HTML 350Page - Infineon Technologies AG C167CS Datasheet HTML 351Page - Infineon Technologies AG C167CS Datasheet HTML 352Page - Infineon Technologies AG C167CS Datasheet HTML 353Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-8
V2.0, 2000-07
Single Shot Mode
Single shot mode is selected by setting the respective bit PSx in register PWMCON1 to
‘1’. This mode is available for PWM channels 2 and 3.
In this mode the timer PTx of the respective PWM channel is started via software and is
counting up until it reaches the value in the associated period shadow register. Upon the
next count pulse the timer is cleared to 0000H and stopped via hardware, i.e. the
respective PTRx bit is cleared. The PWM output signal is switched to high level when
the timer contents are equal to or greater than the contents of the pulse width shadow
register. The signal is switched back to low level when the respective timer is cleared,
i.e. is below the pulse width shadow register. Thus starting a PWM timer in single shot
mode produces one single pulse on the respective port pin, provided that the pulse width
value is between 0000H and the period value. In order to generate a further pulse, the
timer has to be started again via software by setting bit PTRx.
After starting the timer (i.e. PTRx = ‘1’) the output pulse may be modified via software.
Writing to timer PTx changes the positive and/or negative edge of the output signal,
depending on whether the pulse has already started (i.e. the output is high) or not (i.e.
the output is still low). This (multiple) retriggering is always possible while the timer is
running, i.e. after the pulse has started and before the timer is stopped.
Loading counter PTx directly with the value in the respective PPx shadow register will
abort the current PWM pulse upon the next clock pulse (counter is cleared and stopped
by hardware).
By setting the period (PPx), the timer start value (PTx) and the pulse width value (PWx)
appropriately, the pulse width (tw) and the optional pulse delay (td) may be varied in a
wide range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com