Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 353 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 353 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 349Page - Infineon Technologies AG C167CS Datasheet HTML 350Page - Infineon Technologies AG C167CS Datasheet HTML 351Page - Infineon Technologies AG C167CS Datasheet HTML 352Page - Infineon Technologies AG C167CS Datasheet HTML 353Page - Infineon Technologies AG C167CS Datasheet HTML 354Page - Infineon Technologies AG C167CS Datasheet HTML 355Page - Infineon Technologies AG C167CS Datasheet HTML 356Page - Infineon Technologies AG C167CS Datasheet HTML 357Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-12
V2.0, 2000-07
PWM Control Register PWMCON0
Register PWMCON0 controls the function of the timers of the four PWM channels and
the channel specific interrupts. Having the control bits organized in functional groups
allows e.g. to start or stop all 4 PWM timers simultaneously with one bitfield instruction.
PWMCON0
PWM Control Register 0
SFR (FF30H/98H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
PIR
3
PIR
2
PIR
1
PIR
0
PIE
3
PIE
2
PIE
1
PIE
0
PTI
3
PTI
2
PTI
1
PTI
0
PTR
3
PTR
2
PTR
1
PTR
0
rwh
rwh
rwh
rwh
rw
rw
rw
rw
rw
rw
rw
rw
rwh
rwh
rw
rw
Bit
Function
PTRx
PWM Timer x Run Control Bit
0:
Timer PTx is disconnected from its input clock
1:
Timer PTx is running
PTIx
PWM Timer x Input Clock Selection
0:
Timer PTx clocked with CLKCPU
1:
Timer PTx clocked with CLKCPU/64
PIEx
PWM Channel x Interrupt Enable Flag
0:
Interrupt from channel x disabled
1:
Interrupt from channel x enabled
PIRx
PWM Channel x Interrupt Request Flag
0:
No interrupt request from channel x
1:
Channel x interrupt pending (must be reset via software)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com