Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 356 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 356 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 352Page - Infineon Technologies AG C167CS Datasheet HTML 353Page - Infineon Technologies AG C167CS Datasheet HTML 354Page - Infineon Technologies AG C167CS Datasheet HTML 355Page - Infineon Technologies AG C167CS Datasheet HTML 356Page - Infineon Technologies AG C167CS Datasheet HTML 357Page - Infineon Technologies AG C167CS Datasheet HTML 358Page - Infineon Technologies AG C167CS Datasheet HTML 359Page - Infineon Technologies AG C167CS Datasheet HTML 360Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-15
V2.0, 2000-07
17.4
PWM Output Signals
The output signals of the four PWM channels (POUT3 … POUT0) are alternate output
functions on Port 7 (P7.3 … P7.0). The output signal of each PWM channel is
individually enabled by control bit PENx in register PWMCON1.
The PWM signals are XORed with the respective port latch outputs before being driven
to the port pins. This allows driving the PWM signal directly to the port pin (P7.x = ‘0’) or
drive the inverted PWM signal (P7.x = ‘1’).
Figure 17-7
PWM Output Signal Generation
Note: Using the open drain mode on Port 7 allows the combination of two or more PWM
outputs through a Wired-AND configuration, using an external pullup device. This
provides sort of a burst mode for any PWM channel.
MCA02277
Pin P7.3
XOR
Latch P7.3
PWM 3
Pin P7.2
PWM 2
XOR
Latch P7.2
Pin P7.1
PWM 1
XOR
Latch P7.1
&
PWM 0
Pin P7.0
XOR
Latch P7.0
PENx
PB 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com