Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 360 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 360 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 356Page - Infineon Technologies AG C167CS Datasheet HTML 357Page - Infineon Technologies AG C167CS Datasheet HTML 358Page - Infineon Technologies AG C167CS Datasheet HTML 359Page - Infineon Technologies AG C167CS Datasheet HTML 360Page - Infineon Technologies AG C167CS Datasheet HTML 361Page - Infineon Technologies AG C167CS Datasheet HTML 362Page - Infineon Technologies AG C167CS Datasheet HTML 363Page - Infineon Technologies AG C167CS Datasheet HTML 364Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 517 page
background image
C167CS
Derivatives
The Analog/Digital Converter
User’s Manual
18-3
V2.0, 2000-07
18.1
Mode Selection and Operation
The analog input channels AN15 … AN0 are alternate functions of Port 5 which is an
input-only port. The Port 5 lines may either be used as analog or digital inputs. For pins
that shall be used as analog inputs it is recommended to disable the digital input stage
via register P5DIDIS. This avoids undesired cross currents and switching noise while the
(analog) input signal level is between
VIL and VIH.
The analog input channels AN23 … AN16 are alternate functions of PORT1 which is an
IO port. The port lines P1L.7-0 may either be used as analog inputs or digital IOs. For
pins that shall be used as analog inputs it is recommended to disable the digital input
stage via register P1DIDIS. This avoids undesired cross currents and switching noise
while the (analog) input signal level is between
VIL and VIH.
The functions of the A/D converter are controlled by the bit-addressable A/D Converter
Control Register ADCON. Its bitfields specify the analog channel to be acted upon, the
conversion mode, and also reflect the status of the converter.
ADCON
ADC Control Register
SFR (FFA0H/D0H)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
ADCTC
ADSTC
AD
CRQ
AD
CIN
AD
WR
AD
BSY
AD
ST
ADX
ADM
ADCH
rw
rw
rwh
rw
rw
rwh
rwh
rw
rw
rw
Bit
Function
ADCH
ADC Analog Channel Input Selection
Selects the (first) ADC channel which is to be converted.
Bit ADX determines if ADCH selects a standard or extension channel.1)
ADM
ADC Mode Selection
00:
Fixed Channel Single Conversion
01:
Fixed Channel Continuous Conversion
10:
Auto Scan Single Conversion
11:
Auto Scan Continuous Conversion
ADX
ADC Extension Channel Control2)
0:
ADCH selects the standard channels AN15 … AN0
1:
ADCH selects the extension channels AN23 … AN16
ADST
ADC Start Bit
0:
Stop a running conversion
1:
Start conversion(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com