Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 361 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 361 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 357Page - Infineon Technologies AG C167CS Datasheet HTML 358Page - Infineon Technologies AG C167CS Datasheet HTML 359Page - Infineon Technologies AG C167CS Datasheet HTML 360Page - Infineon Technologies AG C167CS Datasheet HTML 361Page - Infineon Technologies AG C167CS Datasheet HTML 362Page - Infineon Technologies AG C167CS Datasheet HTML 363Page - Infineon Technologies AG C167CS Datasheet HTML 364Page - Infineon Technologies AG C167CS Datasheet HTML 365Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 517 page
background image
C167CS
Derivatives
The Analog/Digital Converter
User’s Manual
18-4
V2.0, 2000-07
Bitfields ADCH and ADX specify the analog input channel which is to be converted (first
channel of a conversion sequence in auto scan modes). Bitfield ADM selects the
operating mode of the A/D converter. A conversion (or a sequence) is then started by
setting bit ADST. Clearing ADST stops the A/D converter after a certain operation which
depends on the selected operating mode.
The busy flag (read-only) ADBSY is set, as long as a conversion is in progress.
The result of a conversion is stored in the result register ADDAT, or in register ADDAT2
for an injected conversion.
Note: Bitfields CHNR and CHX of register ADDAT are loaded by the ADC to indicate,
which channel the result refers to.
Bitfields CHNR and CHX of register ADDAT2 are loaded by the CPU to select the
analog channel, which is to be injected.
ADBSY
ADC Busy Flag
0:
ADC is idle
1:
A conversion is active.
ADWR
ADC Wait for Read Control
ADCIN
ADC Channel Injection Enable
ADCRQ
ADC Channel Injection Request Flag
ADSTC
ADC Sample Time Control (Defines the ADC sample time in a certain range)
00:
tBC × 8
01:
tBC × 16
10:
tBC × 32
11:
tBC × 64
ADCTC
ADC Conversion Time Control (Defines the ADC basic conversion clock
fBC)
00:
fBC = fCPU / 4
01:
fBC = fCPU / 2
10:
fBC = fCPU / 16
11:
fBC = fCPU / 8
1) The two groups of channels are handled independently. Standard channels AN15 … AN0 are selected with
ADCH = FH … 0H and ADX = ‘0’, extension channels AN23 … AN16 are selected with ADCH = 7H … 0H and
ADX = ‘1’.
2) Bit ADX is available only after the execution of instruction EINIT. Before EINIT bit ADCON.6 controls
production testmodes and must remain cleared.
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com