Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 363 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 363 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 359Page - Infineon Technologies AG C167CS Datasheet HTML 360Page - Infineon Technologies AG C167CS Datasheet HTML 361Page - Infineon Technologies AG C167CS Datasheet HTML 362Page - Infineon Technologies AG C167CS Datasheet HTML 363Page - Infineon Technologies AG C167CS Datasheet HTML 364Page - Infineon Technologies AG C167CS Datasheet HTML 365Page - Infineon Technologies AG C167CS Datasheet HTML 366Page - Infineon Technologies AG C167CS Datasheet HTML 367Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 517 page
background image
C167CS
Derivatives
The Analog/Digital Converter
User’s Manual
18-6
V2.0, 2000-07
A conversion is started by setting bit ADST = ‘1’. The busy flag ADBSY will be set and
the converter then selects and samples the input channel, which is specified by the
channel selection field ADCH in register ADCON. The sampled level will then be held
internally during the conversion. When the conversion of this channel is complete, the
10-bit result together with the number of the converted channel is transferred into the
result register ADDAT and the interrupt request flag ADCIR is set. The conversion result
is placed into bitfield ADRES of register ADDAT.
If bit ADST is reset via software, while a conversion is in progress, the A/D converter will
stop after the current conversion (fixed channel modes) or after the current conversion
sequence (auto scan modes).
Setting bit ADST while a conversion is running, will abort this conversion and start a new
conversion with the parameters specified in ADCON.
Note: Abortion and restart (see above) are triggered by bit ADST changing from ‘0’ to
‘1’, i.e. ADST must be ‘0’ before being set.
While a conversion is in progress, the mode selection field ADM and the channel
selection fields ADCH and ADX may be changed. ADM will be evaluated after the
current conversion. ADCH and ADX will be evaluated after the current conversion (fixed
channel modes) or after the current conversion sequence (auto scan modes).
Note: When selecting an extension channel (AN23 … AN16) only write numbers within
the range 0 … 7 to bitfield ADCH. Higher channel numbers are not defined for
extension channels and will return invalid conversions results.
Fixed Channel Conversion Modes
These modes are selected by programming the mode selection bitfield ADM in register
ADCON to ‘00B’ (single conversion) or to ‘01B’ (continuous conversion). After starting the
converter through bit ADST the busy flag ADBSY will be set and the channel specified
in bit fields ADCH/ADX will be converted. After the conversion is complete, the interrupt
request flag ADCIR will be set.
In Single Conversion Mode the converter will automatically stop and reset bits ADBSY
and ADST.
In Continuous Conversion Mode the converter will automatically start a new
conversion of the channel specified in ADCH/ADX. ADCIR will be set after each
completed conversion.
When bit ADST is reset by software, while a conversion is in progress, the converter will
complete the current conversion and then stop and reset bit ADBSY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com