| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 364 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 364 Page - Infineon Technologies AG |
|
364 / 517 page ![]() C167CS Derivatives The Analog/Digital Converter User’s Manual 18-7 V2.0, 2000-07 Auto Scan Conversion Modes These modes are selected by programming the mode selection field ADM in register ADCON to ‘10B’ (single conversion) or to ‘11B’ (continuous conversion). Auto Scan modes automatically convert a sequence of analog channels, beginning with the channel specified in bit fields ADCH/ADX and ending with channel 0/channel 16, without requiring software to change the channel number. After starting the converter through bit ADST, the busy flag ADBSY will be set and the channel specified in bit fields ADCH/ADX will be converted. After the conversion is complete, the interrupt request flag ADCIR will be set and the converter will automatically start a new conversion of the next lower channel. ADCIR will be set after each completed conversion. After conversion of channel 0/channel 16 the current sequence is complete. In Single Conversion Mode the converter will automatically stop and reset bits ADBSY and ADST. In Continuous Conversion Mode the converter will automatically start a new sequence beginning with the conversion of the channel specified in ADCH/ADX. When bit ADST is reset by software, while a conversion is in progress, the converter will complete the current sequence (including conversion of channel 0/channel 16) and then stop and reset bit ADBSY. Figure 18-3 Auto Scan Conversion Mode Example # 2 Result of Channel: # x # 3 Write ADDAT ADDAT Full Conversion of Channel.. Read of ADDAT; Generate Interrupt Request # x # 3 # 3 # 2 Interrupt Request Overrun Error # 2 # 1 Result Lost MCA02241 # 3 # 1 # 1 # 0 ADDAT Full; Channnel 0 # 0 # 3 # 3 # 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |