Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 365 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 365 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 361Page - Infineon Technologies AG C167CS Datasheet HTML 362Page - Infineon Technologies AG C167CS Datasheet HTML 363Page - Infineon Technologies AG C167CS Datasheet HTML 364Page - Infineon Technologies AG C167CS Datasheet HTML 365Page - Infineon Technologies AG C167CS Datasheet HTML 366Page - Infineon Technologies AG C167CS Datasheet HTML 367Page - Infineon Technologies AG C167CS Datasheet HTML 368Page - Infineon Technologies AG C167CS Datasheet HTML 369Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 517 page
background image
C167CS
Derivatives
The Analog/Digital Converter
User’s Manual
18-8
V2.0, 2000-07
Wait for ADDAT Read Mode
If in default mode of the ADC a previous conversion result has not been read out of
register ADDAT by the time a new conversion is complete, the previous result in register
ADDAT is lost because it is overwritten by the new value, and the A/D overrun error
interrupt request flag ADEIR will be set.
In order to avoid error interrupts and the loss of conversion results especially when using
continuous conversion modes, the ADC can be switched to “Wait for ADDAT Read
Mode” by setting bit ADWR in register ADCON.
If the value in ADDAT has not been read by the time the current conversion is complete,
the new result is stored in a temporary buffer and the next conversion is suspended
(ADST and ADBSY will remain set in the meantime, but no end-of-conversion interrupt
will be generated). After reading the previous value from ADDAT the temporary buffer is
copied into ADDAT (generating an ADCIR interrupt) and the suspended conversion is
started. This mechanism applies to both single and continuous conversion modes.
Note: While in standard mode continuous conversions are executed at a fixed rate
(determined by the conversion time), in “Wait for ADDAT Read Mode” there may
be delays due to suspended conversions. However, this only affects the
conversions, if the CPU (or PEC) cannot keep track with the conversion rate.
Figure 18-4
Wait for Read Mode Example
Result of Channel:
Read of ADDAT;
# x
# 2
# 3
# 1
MCA01970
# 0
Request
Generate Interrupt
Temp-Latch Full
ADDAT Full
Write ADDAT
# x
of Channel..
Conversion
# 3
# 2
# 3
Temp-Latch
Hold Result in
1
# 2
# 1
wait
# 1
# 0
# 3
# 3
# 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com