| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 366 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 366 Page - Infineon Technologies AG |
|
366 / 517 page ![]() C167CS Derivatives The Analog/Digital Converter User’s Manual 18-9 V2.0, 2000-07 Channel Injection Mode Channel Injection Mode allows the conversion of a specific analog channel (also while the ADC is running in a continuous or auto scan mode) without changing the current operating mode. After the conversion of this specific channel the ADC continues with the original operating mode. Channel Injection mode is enabled by setting bit ADCIN in register ADCON and requires the Wait for ADDAT Read Mode (ADWR = ‘1’). The channel to be converted in this mode is specified in bitfields CHNR and CHX of register ADDAT2. Note: Bitfields CHNR and CHX in ADDAT2 are not modified by the A/D converter, but only the ADRES bit field. Since the channel number for an injected conversion is not buffered, bitfields CHNR/CHX of ADDAT2 must never be modified during the sample phase of an injected conversion, otherwise the input multiplexer will switch to the new channel. It is recommended to only change the channel number with no injected conversion running. Figure 18-5 Channel Injection Example # x-2 Write ADDAT2 Int. Request Conversion of Channel # y ADDAT2 Full Read ADDAT2 Request Conversion Write ADDAT; Injected Read ADDAT ADDAT Full of Channel.. Channel Injection # x-1 # x+1 # x+1 # x # x # x # x-1 # x-1 # x-2 MCA01971 ADEINT # ... # x-4 # y # x-2 # x-3 # x-3 # x-3 # x-4 # x-4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |