Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 370 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 370 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 366Page - Infineon Technologies AG C167CS Datasheet HTML 367Page - Infineon Technologies AG C167CS Datasheet HTML 368Page - Infineon Technologies AG C167CS Datasheet HTML 369Page - Infineon Technologies AG C167CS Datasheet HTML 370Page - Infineon Technologies AG C167CS Datasheet HTML 371Page - Infineon Technologies AG C167CS Datasheet HTML 372Page - Infineon Technologies AG C167CS Datasheet HTML 373Page - Infineon Technologies AG C167CS Datasheet HTML 374Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 517 page
background image
C167CS
Derivatives
The Analog/Digital Converter
User’s Manual
18-13
V2.0, 2000-07
18.2
Conversion Timing Control
When a conversion is started, first the capacitances of the converter are loaded via the
respective analog input pin to the current analog input voltage. The time to load the
capacitances is referred to as sample time. Next the sampled voltage is converted to a
digital value in successive steps, which correspond to the resolution of the ADC. During
these phases (except for the sample time) the internal capacitances are repeatedly
charged and discharged via pins
VAREF and VAGND.
The current that has to be drawn from the sources for sampling and changing charges
depends on the time that each respective step takes, because the capacitors must reach
their final voltage level within the given time, at least with a certain approximation. The
maximum current, however, that a source can deliver, depends on its internal resistance.
The time that the two different actions during conversion take (sampling, and converting)
can be programmed within a certain range in the C167CS relative to the CPU clock. The
absolute time that is consumed by the different conversion steps therefore is
independent from the general speed of the controller. This allows adjusting the A/D
converter of the C167CS to the properties of the system:
Fast Conversion can be achieved by programming the respective times to their
absolute possible minimum. This is preferable for scanning high frequency signals. The
internal resistance of analog source and analog supply must be sufficiently low,
however.
High Internal Resistance can be achieved by programming the respective times to a
higher value, or the possible maximum. This is preferable when using analog sources
and supply with a high internal resistance in order to keep the current as low as possible.
The conversion rate in this case may be considerably lower, however.
The conversion time is programmed via the upper two bits of register ADCON. Bitfield
ADCTC (conversion time control) selects the basic conversion clock (
fBC), used for the
operation of the A/D converter. The sample time is derived from this conversion clock.
Table 18-2 lists the possible combinations. The timings refer to CPU clock cycles, where
tCPU = 1 / fCPU.
The limit values for
fBC (see data sheet) must not be exceeded when selecting ADCTC
and
fCPU.
Table 18-2
ADC Conversion Timing Control
ADCON.15|14
(ADCTC)
A/D Converter
Basic Clock
fBC
ADCON.13|12
(ADSTC)
Sample Time
tS
00
fCPU / 4
00
tBC × 8
01
fCPU / 2
01
tBC × 16
10
fCPU / 16
10
tBC × 32
11
fCPU / 8
11
tBC × 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com