Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 371 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 371 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 367Page - Infineon Technologies AG C167CS Datasheet HTML 368Page - Infineon Technologies AG C167CS Datasheet HTML 369Page - Infineon Technologies AG C167CS Datasheet HTML 370Page - Infineon Technologies AG C167CS Datasheet HTML 371Page - Infineon Technologies AG C167CS Datasheet HTML 372Page - Infineon Technologies AG C167CS Datasheet HTML 373Page - Infineon Technologies AG C167CS Datasheet HTML 374Page - Infineon Technologies AG C167CS Datasheet HTML 375Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 517 page
background image
C167CS
Derivatives
The Analog/Digital Converter
User’s Manual
18-14
V2.0, 2000-07
The time for a complete conversion includes the sample time
tS, the conversion itself and
the time required to transfer the digital value to the result register (2
tCPU) as shown in
the example below.
Note: The non-linear decoding of bit field ADCTC provides compatibility with 80C166
designs for the default value (‘00’ after reset).
Converter Timing Example
Assumptions:
fCPU = 25 MHz (i.e. tCPU = 40 ns), ADCTC = ‘00’, ADSTC = ‘00’.
Basic clock
fBC = fCPU / 4 = 6.25 MHz, i.e. tBC = 160 ns.
Sample time
tS
=
tBC × 8 = 1280 ns.
Conversion time
tC
=
tS + 40 tBC + 2 tCPU = (1280 + 6400 + 80) ns = 7.76 µs.
Note: For the exact specification please refer to the data sheet of the selected derivative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com