Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 375 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 375 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 371Page - Infineon Technologies AG C167CS Datasheet HTML 372Page - Infineon Technologies AG C167CS Datasheet HTML 373Page - Infineon Technologies AG C167CS Datasheet HTML 374Page - Infineon Technologies AG C167CS Datasheet HTML 375Page - Infineon Technologies AG C167CS Datasheet HTML 376Page - Infineon Technologies AG C167CS Datasheet HTML 377Page - Infineon Technologies AG C167CS Datasheet HTML 378Page - Infineon Technologies AG C167CS Datasheet HTML 379Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-3
V2.0, 2000-07
19.1
Functional Blocks of the CAN Module
The CAN module combines several functional blocks (see Figure 19-2) that work in
parallel and contribute to the controller’s performance. These units and the functions
they provide are described below.
Each of the message objects has a unique identifier and its own set of control and status
bits. Each object can be configured with its direction as either transmit or receive, except
the last message which is only a double receive buffer with a special mask register.
An object with its direction set as transmit can be configured to be automatically sent
whenever a remote frame with a matching identifier (taking into account the respective
global mask register) is received over the CAN bus. By requesting the transmission of a
message with the direction set as receive, a remote frame can be sent to request that
the appropriate object be sent by some other node. Each object has separate transmit
and receive interrupts and status bits, giving the CPU full flexibility in detecting when a
remote/data frame has been sent or received.
For general purpose two masks for acceptance filtering can be programmed, one for
identifiers of 11 bits and one for identifiers of 29 bits. However the CPU must configure
bit XTD (Normal or Extended Frame Identifier) for each valid message to determine
whether a standard or extended frame will be accepted.
The last message object has its own programmable mask for acceptance filtering,
allowing a large number of infrequent objects to be handled by the system.
The object layer architecture of the CAN controller is designed to be as regular and
orthogonal as possible. This makes it easy to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com