Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 377 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 377 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 373Page - Infineon Technologies AG C167CS Datasheet HTML 374Page - Infineon Technologies AG C167CS Datasheet HTML 375Page - Infineon Technologies AG C167CS Datasheet HTML 376Page - Infineon Technologies AG C167CS Datasheet HTML 377Page - Infineon Technologies AG C167CS Datasheet HTML 378Page - Infineon Technologies AG C167CS Datasheet HTML 379Page - Infineon Technologies AG C167CS Datasheet HTML 380Page - Infineon Technologies AG C167CS Datasheet HTML 381Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-5
V2.0, 2000-07
Tx/Rx Shift Register
The Transmit/Receive Shift Register holds the destuffed bit stream from the bus line to
allow the parallel access to the whole data or remote frame for the acceptance match
test and the parallel transfer of the frame to and from the Intelligent Memory.
Bit Stream Processor
The Bit Stream Processor (BSP) is a sequencer controlling the sequential data stream
between the Tx/Rx Shift Register, the CRC Register, and the bus line. The BSP also
controls the EML and the parallel data stream between the Tx/Rx Shift Register and the
Intelligent Memory such that the processes of reception, arbitration, transmission, and
error signalling are performed according to the CAN protocol. Note that the automatic
retransmission of messages which have been corrupted by noise or other external error
conditions on the bus line is handled by the BSP.
Cyclic Redundancy Check Register
This register generates the Cyclic Redundancy Check (CRC) code to be transmitted
after the data bytes and checks the CRC code of incoming messages. This is done by
dividing the data stream by the code generator polynomial.
Error Management Logic
The Error Management Logic (EML) is responsible for the fault confinement of the CAN
device. Its counters, the Receive Error Counter and the Transmit Error Counter, are
incremented and decremented by commands from the Bit Stream Processor. According
to the values of the error counters, the CAN controller is set into the states
error active,
error passive and busoff.
The CAN controller is
error active, if both error counters are below the error passive limit of 128.
It is
error passive, if at least one of the error counters equals or exceeds 128.
It goes
busoff, if the Transmit Error Counter equals or exceeds the busoff limit of 256.
The device remains in this state, until the
busoff recovery sequence is finished.
Additionally, there is the bit EWRN in the Status Register, which is set, if at least one of
the error counters equals or exceeds the error warning limit of 96. EWRN is reset, if both
error counters are less than the error warning limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com