Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 381 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 381 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 377Page - Infineon Technologies AG C167CS Datasheet HTML 378Page - Infineon Technologies AG C167CS Datasheet HTML 379Page - Infineon Technologies AG C167CS Datasheet HTML 380Page - Infineon Technologies AG C167CS Datasheet HTML 381Page - Infineon Technologies AG C167CS Datasheet HTML 382Page - Infineon Technologies AG C167CS Datasheet HTML 383Page - Infineon Technologies AG C167CS Datasheet HTML 384Page - Infineon Technologies AG C167CS Datasheet HTML 385Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-9
V2.0, 2000-07
Note: Reading the upper half of the Control Register (status partition) will clear the
Status Change Interrupt value in the Interrupt Register, if it is pending. Use byte
accesses to the lower half to avoid this.
LEC
Last Error Code
This field holds a code which indicates the type of the last error occurred on
the CAN bus. If a message has been transferred (reception or transmission)
without error, this field will be cleared.
0
No Error
1
Stuff Error: More than 5 equal bits in a sequence have occurred in a
part of a received message where this is not allowed.
2
Form Error: Wrong format in fixed format part of a received frame.
3
AckError: The message this CAN controller transmitted was not
acknowledged by another node.
4
Bit1Error: During the transmission of a message (with the exception
of the arbitration field), the device wanted to send a
recessive level
(“1”), but the monitored bus value was
dominant.
5
Bit0Error: During the transmission of a message (or acknowledge bit,
active error flag, or overload flag), the device wanted to send a
dominant level (“0”), but the monitored bus value was recessive.
During
busoff recovery this status is set each time a sequence of 11
recessive bits has been monitored. This enables the CPU to monitor
the proceeding of the busoff recovery sequence (indicates that the bus
is not stuck at
dominant or continously disturbed).
6
CRCError: The received CRC check sum was incorrect.
7
Unused code: may be written by the CPU to check for updates.
TXOK
Transmitted Message Successfully
Indicates that a message has been transmitted successfully (error free and
acknowledged by at least one other node), since this bit was last reset by the
CPU (the CAN controller does not reset this bit!).
RXOK
Received Message Successfully
This bit is set each time a message has been received successfully, since
this bit was last reset by the CPU (the CAN controller does not reset this bit!).
RXOK is also set when a message is received that is not accepted (i.e. stored).
EWRN
Error Warning Status
Indicates that at least one of the error counters in the EML has reached the
error warning limit of 96.
BOFF
Busoff Status
Indicates when the CAN controller is in busoff state (see EML).
Bit
Function (Control Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com