Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 383 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 383 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 379Page - Infineon Technologies AG C167CS Datasheet HTML 380Page - Infineon Technologies AG C167CS Datasheet HTML 381Page - Infineon Technologies AG C167CS Datasheet HTML 382Page - Infineon Technologies AG C167CS Datasheet HTML 383Page - Infineon Technologies AG C167CS Datasheet HTML 384Page - Infineon Technologies AG C167CS Datasheet HTML 385Page - Infineon Technologies AG C167CS Datasheet HTML 386Page - Infineon Technologies AG C167CS Datasheet HTML 387Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-11
V2.0, 2000-07
stage of interrupt processing, and (if required) restricting CPU accesses to the
CAN module until the anticipated updating is complete.
PCIR
Port Control / Interrupt Register
XReg (EF02H)
Reset Value: XXXXH
15
14
13
12
11
10
98765
43210
- reserved -
IPC
INTID
-
-
-
-
-
rw
rh
Bit
Function
INTID
Interrupt Identifier
This number indicates the cause of the interrupt (if pending).
00H
Interrupt Idle: There is no interrupt request pending.
01H
Status Change Interrupt: The CAN controller has updated (not
necessarily changed) the status in the Control Register. This can
refer to a change of the error status of the CAN controller (EIE is
set and BOFF or EWRN change) or to a CAN transfer incident
(SIE must be set), like reception or transmission of a message
(RXOK or TXOK is set) or the occurrence of a CAN bus error (LEC
is updated). The CPU may clear RXOK, TXOK, and LEC,
however, writing to the status partition of the Control Register can
never generate or reset an interrupt. To update the INTID value
the status partition of the Control Register must be read.
02H
Message 15 Interrupt: Bit INTPND in the Message Control
Register of message object 15 (last message) has been set.
The last message object has the highest interrupt priority of all
message objects.1)
1) Bit INTPND of the corresponding message object has to be cleared to give messages with a lower priority the
possibility to update INTID or to reset INTID to “00H” (idle state).
(02 + N)
Message N Interrupt: Bit INTPND in the Message Control
Register of message object ‘N’ has been set (N = 1 … 14). Note
that a message interrupt code is only displayed, if there is no other
interrupt request with a higher priority.1)
Example: message 1: INTID = 03H, message 14: INTID = 10H
IPC
Interface Port Control (reset value = 111B, i.e. no port connection)
The encoding of bitfield IPC is described in Section 19.7.
Note: Bitfield IPC can be written only while bit CCE is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com