Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 387 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 387 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 383Page - Infineon Technologies AG C167CS Datasheet HTML 384Page - Infineon Technologies AG C167CS Datasheet HTML 385Page - Infineon Technologies AG C167CS Datasheet HTML 386Page - Infineon Technologies AG C167CS Datasheet HTML 387Page - Infineon Technologies AG C167CS Datasheet HTML 388Page - Infineon Technologies AG C167CS Datasheet HTML 389Page - Infineon Technologies AG C167CS Datasheet HTML 390Page - Infineon Technologies AG C167CS Datasheet HTML 391Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-15
V2.0, 2000-07
Bit Timing Example for High Baudrate
This example makes the following assumptions:
• XCLK frequency = 20 MHz
• BRP = 00, CPS = 0
• Baudrate = 1 Mbit/sec
tq
100 ns
= 2
× t
XCLK
bus driver delay
50 ns
receiver circuit delay
30 ns
bus line (40 m) delay
220 ns
tProp
600 ns
= 6
× t
q
tSJW
100 ns
= 1
× t
q
tTSeg1
700 ns
=
tProp + tSJW
tTSeg2
200 ns
=
Information Processing Time
tSync
100 ns
= 1
× t
q
tBit
1000 ns =
tSync + tTSeg1 + tTSeg2
tolerance for
tXCLK
0.39%
=
=
Bit Timing Example for Low Baudrate
This example makes the following assumptions:
• XCLK frequency = 4 MHz
• BRP = 01, CPS = 0
• Baudrate = 100 kbit/sec
tq
1
µs= 4 × t
XCLK
bus driver delay
200 ns
receiver circuit delay
80 ns
bus line (40 m) delay
220 ns
tProp
1
µs= 1 × t
q
tSJW
4
µs= 4 × t
q
tTSeg1
5
µs= t
Prop + tSJW
tTSeg2
4
µs= Information Processing Time + 2 × t
q
tSync
1
µs= 1 × t
q
tBit
10
µs= t
Sync + tTSeg1 + tTSeg2
tolerance for
fXCLK
1.58%
=
=
min PB1 PB2
,
()
2
13
bit time
PB2
–
×
()
×
----------------------------------------------------------------
0,1
µs
213
1
µs0,2µs
–
×
()
×
-----------------------------------------------------------
min PB1 PB2
,
()
2
13
bit time
PB2
–
×
()
×
----------------------------------------------------------------
4
µs
213
10
µs4µs
–
×
()
×
---------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com