| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 384 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 384 Page - Infineon Technologies AG |
|
384 / 517 page ![]() C167CS Derivatives The On-Chip CAN Interface User’s Manual 19-12 V2.0, 2000-07 19.2.2 Configuration of the Bit Timing According to the CAN protocol specification, a bit time is subdivided into four segments: Sync segment, propagation time segment, phase buffer segment 1 and phase buffer segment 2. Each segment is a multiple of the time quantum tq, with tq = (BRP + 1) × 2 (1 – CPS) × t XCLK. Note: The CAN module is connected to the CPU clock signal, therefore tXCLK = tCPU. The Synchronization Segment (Sync Seg) is always 1 tq long. The Propagation Time Segment and the Phase Buffer Segment 1 (combined to TSeg1) define the time before the sample point, while Phase Buffer Segment 2 (TSeg2) defines the time after the sample point. The length of these segments is programmable (except Sync-Seg) via the Bit Timing Register (BTR). Note: For exact definition of these segments please refer to the CAN Protocol Specification. Figure 19-4 Bit Timing Definition The bit time is determined by the XBUS clock period t XCLK , the Baud Rate Prescaler, and the number of time quanta per bit: bit time = t Sync-Seg + t TSeg1 + t TSeg2 [19.1] t Sync-Seg = 1 × t q t TSeg1 = (TSEG1 + 1) × t q t TSeg2 = (TSEG2 + 1) × t q t q = (BRP + 1) × 2(1-CPS) × t XCLK [19.2] Note: TSEG1, TSEG2, and BRP are the programmed numerical values from the respective fields of the Bit Timing Register. MCT04393 Sync- Seg 1 time quantum ( t q) TSeg1 Sample Point Sync- Seg TSeg2 Transmit Point 1 Bit Time |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |