Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 378 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 378 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 374Page - Infineon Technologies AG C167CS Datasheet HTML 375Page - Infineon Technologies AG C167CS Datasheet HTML 376Page - Infineon Technologies AG C167CS Datasheet HTML 377Page - Infineon Technologies AG C167CS Datasheet HTML 378Page - Infineon Technologies AG C167CS Datasheet HTML 379Page - Infineon Technologies AG C167CS Datasheet HTML 380Page - Infineon Technologies AG C167CS Datasheet HTML 381Page - Infineon Technologies AG C167CS Datasheet HTML 382Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-6
V2.0, 2000-07
Bit Timing Logic
This block (BTL) monitors the busline input CAN_RXD and handles the busline related
bit timing according to the CAN protocol.
The BTL synchronizes on a
recessive to dominant busline transition at Start of Frame
(hard synchronization) and on any further
recessive to dominant busline transition, if the
CAN controller itself does not transmit a
dominant bit (resynchronization).
The BTL also provides programmable time segments to compensate for the propagation
delay time and for phase shifts and to define the position of the
Sample Point in the bit
time. The programming of the BTL depends on the baudrate and on external physical
delay times.
Intelligent Memory
The Intelligent Memory (CAM/RAM Array) provides storage for up to 15 message
objects of maximum 8 data bytes length. Each of these objects has a unique identifier
and its own set of control and status bits. After the initial configuration, the Intelligent
Memory can handle the reception and transmission of data without further CPU actions.
Organization of Registers and Message Objects
All registers and message objects of the CAN controller are located in the special CAN
address area of 256 Bytes, which is mapped into segment 0 and uses addresses
00’EF00H through 00’EFFFH. All registers are organized as 16-bit registers, located on
word addresses. However, all registers may be accessed bytewise in order to select
special actions without effecting other mechanisms.
Register Naming reflects the specific name of a register as well as a general module
indicator. This results in unique register names.
Example: module indicator is C1 (CAN module 1), specific name is Control/Status
Register (CSR), unique register name is C1CSR.
Note: The address map shown below lists the registers which are part of the CAN
controller. There are also C167CS specific registers that are associated with the
CAN module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com