Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 374 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 374 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 370Page - Infineon Technologies AG C167CS Datasheet HTML 371Page - Infineon Technologies AG C167CS Datasheet HTML 372Page - Infineon Technologies AG C167CS Datasheet HTML 373Page - Infineon Technologies AG C167CS Datasheet HTML 374Page - Infineon Technologies AG C167CS Datasheet HTML 375Page - Infineon Technologies AG C167CS Datasheet HTML 376Page - Infineon Technologies AG C167CS Datasheet HTML 377Page - Infineon Technologies AG C167CS Datasheet HTML 378Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-2
V2.0, 2000-07
Figure 19-1
Registers Associated with the CAN Module
The bit timing is derived from the XCLK and is programmable up to a data rate of
1 MBaud. The minimum CPU clock frequency to achieve 1 MBaud is
fCPU ≥ 8/16 MHz,
depending on the activation of the CAN module’s clock prescaler.
The CAN module uses two pins of Port 4 or of Port 8 to interface to a bus transceiver.
It provides Full CAN functionality on up to 15 full-sized message objects (8 data bytes
each). Message object 15 may be configured for Basic CAN functionality with a double-
buffered receive object.
Both modes provide separate masks for acceptance filtering which allows the
acceptance of a number of identifiers in Full CAN mode and also allows disregarding a
number of identifiers in Basic CAN mode.
All message objects can be updated independent from the other objects during
operation of the module and are equipped with buffers for the maximum message length
of 8 Bytes.
MCA04473
SYSCON
CSR
MCRn
XP0IC
Core Registers
Control Registers
(within each module)
Object Registers
(within each module)
Interrupt Control
CSR
Control / Status Register
PCIR
Port Control / Interrupt Register
BTR
Bit Timing Register
GMS
Global Mask Short
U/LGML
Global Mask Long
U/LMLM Last Message Mask
MCRn
Configuration Register of Message n
U/LARn
Arbitration Register of Message n
XP1IC
E
XX
UARn
X
LARn
X
E
SYSCON
System Configuration Register
SYSCON3 Peripheral Management Control Reg.
DP4
Port 4 Direction Control Register
ODP4
Port 4 Open Drain Control Register
DP8
Port 8 Direction Control Register
ODP8
Port 8 Open Drain Control Register
XP0IC
CAN1 Interrupt Control Register
XP1IC
CAN2 Interrupt Control Register
Data
X
PCIR
X
BTR
X
GMS
X
U/LGML
X
U/LMLM
X
SYSCON3
DP4
ODP4
DP8
ODP8
E
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com