Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 373 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 373 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 369Page - Infineon Technologies AG C167CS Datasheet HTML 370Page - Infineon Technologies AG C167CS Datasheet HTML 371Page - Infineon Technologies AG C167CS Datasheet HTML 372Page - Infineon Technologies AG C167CS Datasheet HTML 373Page - Infineon Technologies AG C167CS Datasheet HTML 374Page - Infineon Technologies AG C167CS Datasheet HTML 375Page - Infineon Technologies AG C167CS Datasheet HTML 376Page - Infineon Technologies AG C167CS Datasheet HTML 377Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 517 page
background image
C167CS
Derivatives
The On-Chip CAN Interface
User’s Manual
19-1
V2.0, 2000-07
19
The On-Chip CAN Interface
Note: The C167CS incorporates two CAN modules (CAN1 and CAN2). As the structure
of the two modules is identical, this chapter mainly describes the functionality and
the operation of module CAN1. The differences between modules CAN1 and
CAN2 are described in a special section at the end of this chapter.
The Controller Area Network (CAN) bus with its associated protocol allows
communication between a number of stations which are connected to this bus with high
efficiency.
Efficiency in this context means:
• Transfer speed (Data rates of up to 1 Mbit/sec can be achieved)
• Data integrity (The CAN protocol provides several means for error checking)
• Host processor unloading (The controller here handles most of the tasks autonomously)
• Flexible and powerful message passing (The extended CAN protocol is supported)
The integrated CAN module handles the completely autonomous transmission and
reception of CAN frames in accordance with the CAN specification V2.0 part B (active),
i.e. the on-chip CAN module can receive and transmit:
• Standard frames with 11-bit identifiers, as well as
• Extended frames with 29-bit identifiers.
Note: The CAN module is an XBUS peripheral and therefore requires bit XPEN in
register SYSCON to be set in order to be operable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com