Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 357 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 357 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 353Page - Infineon Technologies AG C167CS Datasheet HTML 354Page - Infineon Technologies AG C167CS Datasheet HTML 355Page - Infineon Technologies AG C167CS Datasheet HTML 356Page - Infineon Technologies AG C167CS Datasheet HTML 357Page - Infineon Technologies AG C167CS Datasheet HTML 358Page - Infineon Technologies AG C167CS Datasheet HTML 359Page - Infineon Technologies AG C167CS Datasheet HTML 360Page - Infineon Technologies AG C167CS Datasheet HTML 361Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-16
V2.0, 2000-07
Software Control of the PWM Outputs
In an application the PWM output signals are generally controlled by the PWM module.
However, it may be necessary to influence the level of the PWM output pins via software
either to initialize the system or to react on some extraordinary condition, e.g. a system
fault or an emergency.
Clearing the timer run bit PTRx stops the associated counter and leaves the respective
output at its current level.
The individual PWM channel outputs are controlled by comparators according to the
formula:
PWM output signal = [PTx]
≥ [PWx shadow latch].
So whenever software changes registers PTx, the respective output will reflect the
condition after the change. Loading timer PTx with a value greater than or equal to the
value in PWx immediately sets the respective output, a PTx value below the PWx value
clears the respective output.
By clearing or setting the respective Port 7 output latch the PWM channel signal is driven
directly or inverted to the port pin.
Clearing the enable bit PENx disconnects the PWM channel and switches the respective
port pin to the value in the port output latch.
Note: To prevent further PWM pulses from occurring after such a software intervention
the respective counter must be stopped first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com