Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 355 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 355 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 351Page - Infineon Technologies AG C167CS Datasheet HTML 352Page - Infineon Technologies AG C167CS Datasheet HTML 353Page - Infineon Technologies AG C167CS Datasheet HTML 354Page - Infineon Technologies AG C167CS Datasheet HTML 355Page - Infineon Technologies AG C167CS Datasheet HTML 356Page - Infineon Technologies AG C167CS Datasheet HTML 357Page - Infineon Technologies AG C167CS Datasheet HTML 358Page - Infineon Technologies AG C167CS Datasheet HTML 359Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-14
V2.0, 2000-07
17.3
Interrupt Request Generation
Each of the four channels of the PWM module can generate an individual interrupt
request. Each of these “channel interrupts” can activate the common “module interrupt”,
which actually interrupts the CPU. This common module interrupt is controlled by the
PWM Module Interrupt Control register PWMIC. The interrupt service routine can
determine the active channel interrupt(s) from the channel specific interrupt request flags
PIRx in register PWMCON0. The interrupt request flag PIRx of a channel is set at the
beginning of a new PWM cycle, i.e. upon latching the shadow registers (LSR). This
indicates that registers PPx and PWx are now ready to receive a new value. If a channel
interrupt is enabled via its respective PIEx bit, also the common interrupt request flag
PWMIR in register PWMIC is set, provided that it is enabled via the common interrupt
enable bit PWMIE.
Note: The channel interrupt request flags (PIRx in register PWMCON0) are not
automatically cleared by hardware upon entry into the interrupt service routine, so
they must be cleared via software. The module interrupt request flag PWMIR is
cleared by hardware upon entry into the service routine, regardless of how many
channel interrupts were active. However, it will be set again if during execution of
the service routine a new channel interrupt request is generated.
Note: Please refer to the general Interrupt Control Register description for an
explanation of the control fields.
PWMIC
PWM Intr. Ctrl. Reg.
ESFR (F17EH/BFH)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
PWM
IR
PWM
IE
ILVL
GLVL
-
-
-
-
-
-
-
-
rwh
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com