| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 358 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 358 Page - Infineon Technologies AG |
|
358 / 517 page ![]() C167CS Derivatives The Analog/Digital Converter User’s Manual 18-1 V2.0, 2000-07 18 The Analog/Digital Converter The C167CS provides an Analog/Digital Converter with 10-bit resolution and a sample & hold circuit on-chip. A multiplexer selects between up to 24 analog input channels (16 standard channels as alternate functions of Port 5, 8 extension channels as alternate functions of PORT1) either via software (fixed channel modes) or automatically (auto scan modes). To fulfill most requirements of embedded control applications the ADC supports the following conversion modes: • Fixed Channel Single Conversion produces just one result from the selected channel • Fixed Channel Continuous Conversion repeatedly converts the selected channel • Auto Scan Single Conversion produces one result from each of a selected group of channels • Auto Scan Continuous Conversion repeatedly converts the selected group of channels • Wait for ADDAT Read Mode start a conversion automatically when the previous result was read • Channel Injection Mode insert the conversion of a specific channel into a group conversion (auto scan) A set of SFRs and port pins provide access to control functions and results of the ADC. Figure 18-1 SFRs and Port Pins Associated with the A/D Converter MCA04472 P5 ADDAT ADCON ADCIC Ports & Direction Control Alternate Functions Data Registers Control Registers Interrupt Control ADDAT A/D Converter Result Register ADDAT2 A/D Converter Channel Injection Result Reg. ADCON A/D Converter Control Register ADCIC A/D Converter Interrupt Control Register (End of Conversion) ADEIC A/D Converter Interrupt Control Register (Overrun Error/Channel Injection) ADEIC P5 Port 5 Analog Input Port: AN0/P5.0...AN15/P5.15 P5DIDIS Port 5 Digital Input Disable Register P1L Port 1 Input/Output Port (Lower Part): AN16/P1L.0...AN23/P1L.7 P1DIDIS Port 1 Digital Input Disable Register ADDAT2 E P5DIDIS P1L P1DIDIS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |