Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 351 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 351 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 347Page - Infineon Technologies AG C167CS Datasheet HTML 348Page - Infineon Technologies AG C167CS Datasheet HTML 349Page - Infineon Technologies AG C167CS Datasheet HTML 350Page - Infineon Technologies AG C167CS Datasheet HTML 351Page - Infineon Technologies AG C167CS Datasheet HTML 352Page - Infineon Technologies AG C167CS Datasheet HTML 353Page - Infineon Technologies AG C167CS Datasheet HTML 354Page - Infineon Technologies AG C167CS Datasheet HTML 355Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-10
V2.0, 2000-07
17.2
PWM Module Registers
The PWM module is controlled via two sets of registers. The waveforms are selected by
the channel specific registers PTx (timer), PPx (period) and PWx (pulse width). Three
common registers control the operating modes and the general functions (PWMCON0
and PWMCON1) of the PWM module as well as the interrupt behavior (PWMIC).
Up/Down Counters PTx
Each counter PTx of a PWM channel is clocked either directly with
fCPU or with fCPU/64.
Bit PTIx in register PWMCON0 selects the respective clock source. A PWM counter
counts up or down (controlled by hardware), while its respective run control bit PTRx is
set. A timer is started (PTRx = ‘1’) via software and is stopped (PTRx = ‘0’) either via
hardware or software, depending on its operating mode. Control bit PTRx enables or
disables the clock input of counter PTx rather than controlling the PWM output signal.
Note: For the register locations please refer to Table 17-2 further below.
Table 17-1 summarizes the PWM frequencies that result from various combinations of
operating mode, counter resolution (input clock) and pulse width resolution.
Table 17-1
PWM Output Frequency and Resolution
Inp.Clk. (
fCPU/x)
(Counter resol.)
PWM
Mode
8-bit PWM
Resolution
10-bit PWM
Resolution
12-bit PWM
Resolution
14-bit PWM
Resolution
16-bit PWM
Resolution
16 MHz/1
(62.5 ns)
0
1
62.50 kHz
31.25 kHz
15.63 kHz
7.81 kHz
3.91 kHz
1.95 kHz
976.6
Hz
488.3
Hz
244.1
Hz
122.1
Hz
16 MHz/64
(4.0
µs)
0
1
976.6
Hz
488.3
Hz
244.1
Hz
122.1
Hz
61.04
Hz
30.52
Hz
15.29
Hz
7.63
Hz
3.81
Hz
1.91
Hz
20 MHz/1
(50 ns)
0
1
78.13 kHz
39.06 kHz
19.53 kHz
9.77 kHz
4.88 kHz
2.44 kHz
1.22 kHz
610.4
Hz
305.2
Hz
152.6
Hz
20 MHz/64
(3.2
µs)
0
1
1.22 kHz
610.4
Hz
305.2
Hz
152.6
Hz
76.29
Hz
38.15
Hz
19.07
Hz
9.54
Hz
4.77
Hz
2.38
Hz
25 MHz/1
(40 ns)
0
1
97.66 kHz
48.83 kHz
24.41 kHz
12.21 kHz
6.10 kHz
3.05 kHz
1.53 kHz
762.9
Hz
381.5
Hz
190.7
Hz
25 MHz/64
(2.56
µs)
0
1
1.53 kHz
762.9
Hz
381.5
Hz
190.7
Hz
95.37
Hz
47.68
Hz
23.84
Hz
11.92
Hz
5.96
Hz
2.98
Hz
33 MHz/1
(30.3 ns)
0
1
128.9 kHz
64.45 kHz
32.23 kHz
16.11 kHz
8.06 kHz
4.03 kHz
2.01 kHz
1.01 kHz
503.5
Hz
251.8
Hz
33 MHz/64
(1.94
µs)
0
1
2.01 kHz
1.01 kHz
503.5
Hz
251.8
Hz
125.9
Hz
62.94
Hz
31.47
Hz
15.74
Hz
7.87
Hz
3.93
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com