Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 347 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 347 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 343Page - Infineon Technologies AG C167CS Datasheet HTML 344Page - Infineon Technologies AG C167CS Datasheet HTML 345Page - Infineon Technologies AG C167CS Datasheet HTML 346Page - Infineon Technologies AG C167CS Datasheet HTML 347Page - Infineon Technologies AG C167CS Datasheet HTML 348Page - Infineon Technologies AG C167CS Datasheet HTML 349Page - Infineon Technologies AG C167CS Datasheet HTML 350Page - Infineon Technologies AG C167CS Datasheet HTML 351Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-6
V2.0, 2000-07
Figure 17-4
Operation and Output Waveform in Mode 1
MCA01950
PPx
Period = 7
PTx Count
Value
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
PWx Pulse
Width = 0
PWx = 1
PWx = 2
PWx = 4
PWx = 6
PWx = 7
PWx = 8
LSR
Latch Shadow
Register;
Interrupt Request
Change Count
Direction
LSR
Duty
Cycle
100%
87.5%
75%
50%
25%
12.5%
0%
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com