Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 348 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 348 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 344Page - Infineon Technologies AG C167CS Datasheet HTML 345Page - Infineon Technologies AG C167CS Datasheet HTML 346Page - Infineon Technologies AG C167CS Datasheet HTML 347Page - Infineon Technologies AG C167CS Datasheet HTML 348Page - Infineon Technologies AG C167CS Datasheet HTML 349Page - Infineon Technologies AG C167CS Datasheet HTML 350Page - Infineon Technologies AG C167CS Datasheet HTML 351Page - Infineon Technologies AG C167CS Datasheet HTML 352Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-7
V2.0, 2000-07
Burst Mode
Burst mode is selected by setting bit PB01 in register PWMCON1 to ‘1’. This mode
combines the signals from PWM channels 0 and 1 onto the port pin of channel 0. The
output of channel 0 is replaced with the logical AND of channels 0 and 1. The output of
channel 1 can still be used at its associated output pin (if enabled).
Each of the two channels can either operate in mode 0 or 1.
Note: It is guaranteed by design, that no spurious spikes will occur at the output pin of
channel 0 in this mode. The output of the AND gate will be transferred to the output
pin synchronously to internal clocks.
XORing of the PWM signal and the port output latch value is done after the
ANDing of channel 0 and 1.
Figure 17-5
Operation and Output Waveform in Burst Mode
MCA01951
PP0
Period
Value
PT0
Count
Value
Channel 0
PP1
PT1
Count
Channel 1
Resulting
Output
POUT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com