Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 344 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 344 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 340Page - Infineon Technologies AG C167CS Datasheet HTML 341Page - Infineon Technologies AG C167CS Datasheet HTML 342Page - Infineon Technologies AG C167CS Datasheet HTML 343Page - Infineon Technologies AG C167CS Datasheet HTML 344Page - Infineon Technologies AG C167CS Datasheet HTML 345Page - Infineon Technologies AG C167CS Datasheet HTML 346Page - Infineon Technologies AG C167CS Datasheet HTML 347Page - Infineon Technologies AG C167CS Datasheet HTML 348Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 517 page
background image
C167CS
Derivatives
The Pulse Width Modulation Module
User’s Manual
17-3
V2.0, 2000-07
Mode 0: Standard PWM Generation (Edge Aligned PWM)
Mode 0 is selected by clearing the respective bit PMx in register PWMCON1 to ‘0’. In
this mode the timer PTx of the respective PWM channel is always counting up until it
reaches the value in the associated period shadow register. Upon the next count pulse
the timer is reset to 0000H and continues counting up with subsequent count pulses. The
PWM output signal is switched to high level when the timer contents are equal to or
greater than the contents of the pulse width shadow register. The signal is switched back
to low level when the respective timer is reset to 0000H, i.e. below the pulse width
shadow register. The period of the resulting PWM signal is determined by the value of
the respective PPx shadow register plus 1, counted in units of the timer resolution.
PWM_PeriodMode0 = [PPx] + 1
The duty cycle of the PWM output signal is controlled by the value in the respective pulse
width shadow register. This mechanism allows the selection of duty cycles from 0% to
100% including the boundaries. For a value of 0000H the output will remain at a high
level, representing a duty cycle of 100%. For a value higher than the value in the period
register the output will remain at a low level, which corresponds to a duty cycle of 0%.
Figure 17-3 illustrates the operation and output waveforms of a PWM channel in mode 0
for different values in the pulse width register. This mode is referred to as Edge Aligned
PWM, because the value in the pulse width (shadow) register only effects the positive
edge of the output signal. The negative edge is always fixed and related to the clearing
of the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com