Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 338 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 338 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 334Page - Infineon Technologies AG C167CS Datasheet HTML 335Page - Infineon Technologies AG C167CS Datasheet HTML 336Page - Infineon Technologies AG C167CS Datasheet HTML 337Page - Infineon Technologies AG C167CS Datasheet HTML 338Page - Infineon Technologies AG C167CS Datasheet HTML 339Page - Infineon Technologies AG C167CS Datasheet HTML 340Page - Infineon Technologies AG C167CS Datasheet HTML 341Page - Infineon Technologies AG C167CS Datasheet HTML 342Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-20
V2.0, 2000-07
When a match is detected for one of the two registers in a register pair (CCx or CCz) the
associated interrupt request flag (CCxIR or CCzIR) is set to ‘1’ and pin CCxIO
corresponding to bank 1 register CCx is toggled. The generated interrupt always
corresponds to the register that caused the match.
Note: If a match occurs simultaneously for both register CCx and register CCz of the
register pair pin CCxIO will be toggled only once but two separate compare
interrupt requests will be generated, one for vector CCxINT and one for vector
CCzINT.
In order to use the respective port pin as compare signal output pin CCxIO for compare
register CCx in double-register compare mode, this port pin must be configured as
output, i.e. the corresponding direction control bit must be set to ‘1’. With this
configuration, the output pin has the same characteristics as in compare mode 1.
Figure 16-10 Double-Register Compare Mode Block Diagram
MCB02022
Comparator
CAPCOM Timer Ty
Mode 0 (CCMODz)
Port
Latch
Toggle
CCxIO
Interrupt
Request
Input
Clock
Compare Reg. CCz
Comparator
Compare Reg. CCx
Mode 1 (CCMODx)
1
Interrupt
Request
x = 23...16, 7...0
y = 0, 1, 7, 8
z = 31...24, 15...8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com