Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 116Page - Renesas Technology Corp 38D2 Datasheet HTML 117Page - Renesas Technology Corp 38D2 Datasheet HTML 118Page - Renesas Technology Corp 38D2 Datasheet HTML 119Page - Renesas Technology Corp 38D2 Datasheet HTML 120Page - Renesas Technology Corp 38D2 Datasheet HTML 121Page - Renesas Technology Corp 38D2 Datasheet HTML 122Page - Renesas Technology Corp 38D2 Datasheet HTML 123Page - Renesas Technology Corp 38D2 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 120 of 131
REJ03B0177-0302
38D2 Group
3. Direction Registers
The values of the port direction registers cannot be read. This
means, it is impossible to use the LDA instruction, memory
operation instruction when the T flag is “1”, addressing mode
using direction register values as qualifiers, and bit test
instructions such as BBC and BBS. It is also impossible to use bit
operation instructions such as CLB and SEB, and read-modify-
write instructions to direction registers, including calculations
such as ROR. To set the direction registers, use instructions such
as LDM or STA.
4. Pull-Up Control
Only for the pin set to input mode, pull-up is controlled by the
PULL register and the segment output disable register.
Notes on Termination of Unused Pins
1. Termination of Unused Pins
Perform the following at the shortest possible distance (20 mm or
less) from the MCU pins.
(1) I/O ports
Set the ports to input mode and connect each pin to VCC or VSS
through a resistor of 1 k to 10 k
Ω. An internal pull-up resistor can
also be used for the port where the internal pull-up resister is
selectable.
To set the ports to output mode, leave open at “L” or “H” output.
• When setting the ports to output mode and leave open,
input mode in the initial state remains until the mode of the
ports are switched to output mode by a program after a
reset. This may cause the voltage level of the pins to be
undefined and the power source current to increase while
the ports remains in input mode. For any effects on the
system, careful system evaluations should be implemented
on the user side.
• The direction registers may be changed due to a program
runaway or noise, so reset the registers periodically by a
program to increase the program reliability.
2. Termination Concerns
(1) When setting I/O ports to input mode
[1] Do not leave open
<Reason>
• The power source current may increase depending on the
first-stage circuit.
• The ports are more likely affected by noise when compared
with the termination shown on the above “1. (1) I/O ports”
[2] Do not connect to VCC or VSS directly
<Reason>
If the direction registers are changed to output mode due to a
program runaway or noise, a short circuit may occur.
[3] Do not connect multiple ports in a lump to VCC or VSS
through a resistor.
<Reason>
If the direction registers are changed to output mode due to a
program runaway or noise, a short circuit may occur between the
ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com