Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 117Page - Renesas Technology Corp 38D2 Datasheet HTML 118Page - Renesas Technology Corp 38D2 Datasheet HTML 119Page - Renesas Technology Corp 38D2 Datasheet HTML 120Page - Renesas Technology Corp 38D2 Datasheet HTML 121Page - Renesas Technology Corp 38D2 Datasheet HTML 122Page - Renesas Technology Corp 38D2 Datasheet HTML 123Page - Renesas Technology Corp 38D2 Datasheet HTML 124Page - Renesas Technology Corp 38D2 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 121 of 131
REJ03B0177-0302
38D2 Group
Notes on Interrupts
1. Changing Related Register Settings
If the interrupt occurrence synchronized with the following
settings is not required, take the sequence shown below.
• When selecting the external interrupt active edge
• When selecting the interrupt source of the interrupt vector
address where two or more interrupt sources are allocated
Fig. 101 Sequence for setting related register
<Reason>
In the following cases, the interrupt request bit of the
corresponding interrupt may be set to “1”.
<When switching the external interrupt active edge>
•INT0 interrupt edge selection bit
(bit 0 of interrupt edge selection register (address 003A16))
•INT1 interrupt edge selection bit
(bit 1 of interrupt edge selection register)
•INT2 interrupt edge selection bit
(bit 2 of interrupt edge selection register)
•CNTR0 active edge switch bits
(bits 6 and 7 of timer X control register 1 (address 002E16))
•CNTR1 active edge switch bit
(bits 6 of timer Y mode register (address 003816))
<When switching the interrupt source of the interrupt vector
address where two or more interrupt sources are allocated>
• INT2/Key input interrupt switch bit
(bit 3 of interrupt edge selection register)
• Timer Y/CNTR1 interrupt switch bit
(bit 4 of interrupt edge selection register)
2. Checking Interrupt Request Bit
To check the interrupt request bit with the BBC or BBS
instruction immediately after this bit is set to “0”, take the
following sequence.
<Reason>
If the BBC or BBS instruction is executed immediately after the
interrupt request bit is set to “0”, the bit value before being set to
“0” is read.
Fig. 102 Sequence for setting interrupt request bit
3. Setting Unused Interrupts
Set the interrupt enable bit of the unused interrupt to “0”
(disabled).
Set the interrupt edge selection bit (active edge
switch bit) or interrupt (source) selection bit.
NOP (one or more instructions)
Set the corresponding interrupt enable bit to
“0” (disabled).
Set the corresponding interrupt request bit to “0”
(no interrupt request).
Set the corresponding interrupt enable bit to “1”
(enabled).
NOP (one or more instructions)
Set the interrupt request bit to “0” (no interrupt)
Execute the BBC or BBS instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com