Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 108Page - Renesas Technology Corp 4556 Datasheet HTML 109Page - Renesas Technology Corp 4556 Datasheet HTML 110Page - Renesas Technology Corp 4556 Datasheet HTML 111Page - Renesas Technology Corp 4556 Datasheet HTML 112Page - Renesas Technology Corp 4556 Datasheet HTML 113Page - Renesas Technology Corp 4556 Datasheet HTML 114Page - Renesas Technology Corp 4556 Datasheet HTML 115Page - Renesas Technology Corp 4556 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 145 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Rev.3.02
Dec 22, 2006
page 112 of 142
REJ03B0025-0302
4556 Group
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
07 n
08 p
+p
00 A
00 B
06 n
01 8
01 9
00 7
00 6
02 F
01 C
01 D
05 C
+j
04 C
+j
02 j
02 6
02 5
07 n
000111nnnn
0010p5
p4
p3
p2
p1
p0
0000001010
0000001011
000110nnnn
0000011000
0000011001
0000000111
0000000110
0000101111
0000011100
0000011101
00010111j
j
00010011j
j
00001000j
j
0000100110
0000100101
000111nnnn
LA n
TABP p
AM
AMC
A n
AND
OR
SC
RC
SZC
CMA
RAR
SB j
RB j
SZB j
SEAM
SEA n
1
3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
(A)
← n
n = 0 to 15
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p (Note)
(PCL)
← (DR2–DR0, A3–A0)
at (UPTF) = 0
(B)
← (ROM(PC))7–4
(A)
← (ROM(PC))3–0
at (UPTF) = 1
(DR2)
← (0)
(DR1, DR0)
← (ROM(PC))9, 8
(B)
← (ROM(PC))7–4
(A)
← (ROM(PC))3–0
(PC)
← (SK(SP))
(SP)
← (SP) – 1
(A)
← (A) + (M(DP))
(A)
← (A) + (M(DP)) +(CY)
(CY)
← Carry
(A)
← (A) + n
n = 0 to 15
(A)
← (A) AND (M(DP))
(A)
← (A) OR (M(DP))
(CY)
← 1
(CY)
← 0
(CY) = 0 ?
(A)
← (A)
→ CY → A3A2A1A0
(Mj(DP))
← 1
j = 0 to 3
(Mj(DP))
← 0
j = 0 to 3
(Mj(DP)) = 0 ?
j = 0 to 3
(A) = (M(DP)) ?
(A) = n ?
n = 0 to 15
Note: p is 0 to 31 for M34556M4/M4H. p is 0 to 63 for M34556M8/M8H/G8/G8H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com