Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 112Page - Renesas Technology Corp 4556 Datasheet HTML 113Page - Renesas Technology Corp 4556 Datasheet HTML 114Page - Renesas Technology Corp 4556 Datasheet HTML 115Page - Renesas Technology Corp 4556 Datasheet HTML 116Page - Renesas Technology Corp 4556 Datasheet HTML 117Page - Renesas Technology Corp 4556 Datasheet HTML 118Page - Renesas Technology Corp 4556 Datasheet HTML 119Page - Renesas Technology Corp 4556 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 145 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Rev.3.02
Dec 22, 2006
page 116 of 142
REJ03B0025-0302
4556 Group
(INTE)
← 0
(INTE)
← 1
V10 = 0: (EXF0) = 1 ?
(EXF0)
← 0
V10 = 1: SNZ0 = NOP
I12 = 1 : (INT) = “H” ?
I12 = 0 : (INT) = “L” ?
(A)
← (V1)
(V1)
← (A)
(A)
← (V2)
(V2)
← (A)
(A)
← (I1)
(I1)
← (A)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
00 4
00 5
03 8
03 A
05 4
03 F
05 5
03 E
25 3
21 7
0000000100
0000000101
0000111000
0000111010
0001010100
0000111111
0001010101
0000111110
1001010011
1000010111
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)
DI
EI
SNZ0
SNZI0
TAV1
TV1A
TAV2
TV2A
TAI1
TI1A
Note: p is 0 to 31 for M34556M4/M4H.
p is 0 to 63 for M34556M8/M8H/G8/G8H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com