Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 97Page - Renesas Technology Corp SH7201 Datasheet HTML 98Page - Renesas Technology Corp SH7201 Datasheet HTML 99Page - Renesas Technology Corp SH7201 Datasheet HTML 100Page - Renesas Technology Corp SH7201 Datasheet HTML 101Page - Renesas Technology Corp SH7201 Datasheet HTML 102Page - Renesas Technology Corp SH7201 Datasheet HTML 103Page - Renesas Technology Corp SH7201 Datasheet HTML 104Page - Renesas Technology Corp SH7201 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 73 of 1164
REJ09B0321-0200
Section 4 Clock Pulse Generator (CPG)
This LSI has a clock pulse generator (CPG) that generates an internal clock (I
φ), a peripheral clock
(P
φ), and a bus clock (Bφ). The CPG consists of a crystal oscillator, PLL circuits, and divider
circuits.
4.1
Features
• Three clock operating modes
The mode is selected from among the three clock operating modes by the selection of the
following three conditions: the frequency-divisor in use, whether the PLLs are on or off, and
whether the internal crystal resonator or the input on the external clock-signal line is used.
• Three clocks generated independently
An internal clock (I
φ) for the CPU and cache; a peripheral clock (Pφ) for the on-chip
peripheral modules; a bus clock (B
φ = CKIO) for the external bus interface.
• Frequency change function
Internal and peripheral clock frequencies can be changed independently using the PLL (phase
locked loop) circuits and divider circuits within the CPG. Frequencies are changed by software
using frequency control register (FRQCR) settings.
• Power-down mode control
The clock can be stopped by sleep mode, software standby mode, and deep standby mode.
Specific modules can also be stopped using the module standby function. For details on clock
control in the power-down modes, see section 25, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com