Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 107Page - Renesas Technology Corp SH7201 Datasheet HTML 108Page - Renesas Technology Corp SH7201 Datasheet HTML 109Page - Renesas Technology Corp SH7201 Datasheet HTML 110Page - Renesas Technology Corp SH7201 Datasheet HTML 111Page - Renesas Technology Corp SH7201 Datasheet HTML 112Page - Renesas Technology Corp SH7201 Datasheet HTML 113Page - Renesas Technology Corp SH7201 Datasheet HTML 114Page - Renesas Technology Corp SH7201 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 83 of 1164
REJ09B0321-0200
4.4
Register Descriptions
The clock pulse generator has the following registers.
Table 4.4
Register Configuration
Register Name
Abbreviation R/W
Initial Value Address
Access Size
Frequency control register
FRQCR
R/W
H'1003
H'FFFE0010 16
CKIO control register
CKIOCR
R/W
H'10/H'00
H'FFFE3894 8, 16, 32
4.4.1
Frequency Control Register (FRQCR)
FRQCR is a 16-bit readable/writable register used to specify whether a clock is output from the
CKIO pin in software standby mode, the frequency multiplication ratio of PLL circuit 1, and the
frequency division ratio of the internal clock and peripheral clock (P
φ). Only word access can be
used on FRQCR.
FRQCR is initialized to H'1003 only by a power-on reset or in deep standby mode. FRQCR retains
its previous value by a manual reset or in software standby mode. The previous value is also
retained when an internal reset is triggered by an overflow of the WDT.
15
14
13
12
11
10
987654321
0
0001000000000011
R
R
R
R/W
R
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
———
CKOEN
—
STC[2:0]
—
IFC[2:0]
RNGS
PFC[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com